PART |
Description |
Maker |
51144-0500 51144-0200 51144-0300 51144-0400 51144- |
Header Connector,Cable Mnt,PLUG,5 Contacts,0.156 Pitch,LOCKING MECH 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.96 WIRE TO BOARD CONNECTOR HOUSING
|
Molex, Inc. Molex Electronics Ltd.
|
87130-1000 87130-1200 |
Header; No. of Contacts:80; Pitch Spacing:0.5mm; No. of Rows:2; Series:SlimStack; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Surface Mount 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE TRAP 2.5mm Cbl Hld Hsg PBT Wht 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE TRAP
|
Molex, Inc.
|
0510671400 51067-1400 |
3.50mm (.138) Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 14Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
52004-1210 52004-0510 52004-0310 |
12CKT 1.5MM WIRE TRAP ASY 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE TRAP 5CKT 1.5MM WIRE TRAP ASY 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE TRAP 3CKT 1.5MM WIRE TRAP ASY 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE TRAP
|
Molex, Inc.
|
52147-0810 52147-0610 52147-1410 52147-1510 52147- |
521470810 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 6CKT MINI WIRE TRAP CONN 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 14CKT MINI WIRE TRAP CONN 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 15CKT MINI WIRE TRAP CONN 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 13CKT MINI WIRE TRAP CONN 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
501193-0000 501940-XX07 501953-XX07 501571-XX07 50 |
1.0 WtB 2-Row Rec Hsg 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 WtB 2-Row Rec Hsg 40Ckt 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 WtB 2-Row Rec Hsg 30Ckt 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.00mm (.039) pitch wire-to-board connector 1.00mm (.039") pitch wire-to-board connector
|
Molex, Inc. http:// Molex Electronics Ltd.
|
241-3000 RM252-020-331-2900 RM252-020-331-5500 RM2 |
10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 90 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE WRAP, RECEPTACLE 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE WRAP, RECEPTACLE 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE WRAP, RECEPTACLE 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 70 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE WRAP, RECEPTACLE 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE WRAP, RECEPTACLE 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE WRAP, RECEPTACLE 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT, RECEPTACLE FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT; SOLDER; WIRE WRAP, RECEPTACLE
|
AIRBORN INC
|
DF9-15S-1V32 DF9-31S-1V32 DF9B-31S-1V32 |
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1) 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Hirose Electric
|
991-068-030-121 |
Connector: Wire to Board Connector: M: 68: SOL
|
NorComp
|
15-87-6050 |
Wire-To-Board Connector; Body Material:Polyester, Glass-filled; Color:Black 50 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
Ecliptek, Corp.
|
5013310509 501331-0307 501331-0509 501331-0507 |
1.0 WIRE TO BOARD CONN. WAFER ASSY (1-ROW S/T) 2-5CKT 1.0 WtB 1-Row Str WaferAssyEmbsTpPkg3Ckt 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex Electronics Ltd. Molex, Inc.
|
|