PART |
Description |
Maker |
ST7263BKX |
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM
|
STMicroelectronics
|
ST72F63BE6M1 ST72F63BK4M1 ST72F63BK6B1 ST72F63BD6U |
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I虏C Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I2C
|
STMicroelectronics http://
|
ST72T63 ST72T632K1M1 ST72631K1D0 ST72E631K2D1 ST72 |
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C 低速USB 8高达16K的内存位微控制器系列,高12字节RAM位ADC,水分散粒剂,定时器,SCI Single Ended Cordset; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:5m; Current Rating:10A; No. of Contacts:4; Wire Size (AWG):14 RoHS Compliant: Yes
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
ST7263BK2B1/GEN ST7263BK4 ST72P63BK2B1 ST72P63BK4B |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
ST Microelectronics
|
C8051T621-GM C8051T321 C8051T320 C8051T320-GQ C805 |
Full Speed USB EPROM MCU Family
|
Silicon Laboratories
|
C8051F326 |
FULL SPEED USB, 16 KB FLASH MCU FAMILY
|
ETC
|
C8051F340 C8051F342 C8051F343 C8051F343-GQ C8051F3 |
FULL SPEED USB FLASH MCU FAMILY
|
ETC[ETC]
|
C8051F320 C8051F321 C8051F32X |
Full Speed USB, 16k ISP FLASH MCU Family
|
Silicon Laboratories
|
C8051F341-GQ C8051F34B-GQ C8051F34B-GM C8051F342-G |
Full Speed USB Flash MCU Family 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PQFP48 On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
|
Silicon Laboratories, Inc.
|
ST72621J2B1 ST72621J2T1L ST72621L4M1 ST72621J4T1L |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
ST Microelectronics SGS Thomson Microelectronics
|
ST726206 |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
STMicroelectronics
|
ST72622L2M1L |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI 低速USB 8 3端点,Flash或ROM存储器,内径,水分散粒剂0位ADC2个定时器,脊髓损伤和SPI位微控制
|
STMicroelectronics N.V.
|