PART |
Description |
Maker |
89C536 P89C536 P89C536NBAA P89C536NBBB P89C538NBAA |
CMOS single-chip 8-bit microcontrollers with FLASH program memory 80C51 8-bit microcontroller family 16K/64K/512 FLASH
|
NXP Semiconductors
|
P89C668 P89C668HBA P89C668HBBD P89C668HFA |
80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
|
PHILIPS[Philips Semiconductors]
|
P89LPC935FA P89LPC936 P89LPC936FDH P89LPC935FHN P8 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
|
PHILIPS[Philips Semiconductors]
|
P89V52X2FBD157 |
8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM; Package: SOT389-1 (LQFP44); Container: Tray Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P89LPC932 P89LPC932BA P89LPC932BDH P89LPC932FDH P8 |
80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
|
NXP Semiconductors N.V.
|
P89LPC9102FTK |
8-bit microcontrollers with accelerated two-clock 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
|
Philips
|
P89LPC935FA P89LPC935FHN P89LPC935FDH P89LPC933FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
|
NXP
|
P89LPC938 P89LPC938FA P89LPC938FDH P89LPC938FHN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
|
PHILIPS[Philips Semiconductors]
|
P89LPC936FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB-8 kB-16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors N.V.
|
P89C51RB2HBBD P89C51RB2HXX P89C51RC2 P89C51RB2HBA |
80C51 8-bit Flash microcontroller family 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P89LPC922A1 P89LPC9211FDH P89LPC922A1FDH P89LPC922 |
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC 8-bit microcontroller with accelerated two-clock 80C51 core 2 kB-4 kB-8 kB 3 V byte-erasable flash with 8-bit ADC
|
NXP Semiconductors N.V. http://
|