PART |
Description |
Maker |
TA20401201DH TA20401203DH POWEREXINC-C430F TC20172 |
1884 A, SCR 4396 A, SCR 2198 A, SCR 471 A, SCR 549.5 A, SCR 78.5 A, 200 V, SCR 1570 A, SCR 196.25 A, SCR 1256 A, SCR 863.5 A, SCR 235.5 A, SCR 392.5 A, SCR 1413 A, SCR 125.6 A, 500 V, SCR 1177.5 A, SCR
|
POWEREX INC
|
FS0202MA00BU FS0201NA FS0201BA FS0201BB FS0201DA F |
600 V, sensitive gate SCR 400 V, sensitive gate SCR 200 V, sensitive gate SCR 800 V, sensitive gate SCR
|
Fagor Electronic Components Inc
|
DCP20C60 |
Standard Gate SCR
|
DnI
|
A29001 A290011T-55 A290011T-70 A290011TL-70 A29001 |
128K X 8 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory 5015 RR 4#12 SKT RECPT 5015 RR 4#12 PIN RECPT SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):25A; Peak Non Repetitive Surge Current, Itsm:350A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):25A; Peak Non Repetitive Surge Current, Itsm:350A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):25A; Peak Non Repetitive Surge Current, Itsm:350A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Current, It av:25A; Forward Current:24A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Current, It av:25A; Forward Current:24A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K的8位CMOS 5.0伏只,引导扇区闪
|
AMIC Technology Corporation AMIC Technology, Corp.
|
CR02AM-4 CR02AM CR02AM-6 CR02AM-8 |
0.47 A, 200 V, SCR, TO-92 0.47 A, 300 V, SCR, TO-92 LOW POWER USE PLANAR PASSIVATION TYPE Integrated Gate Bipolar Transistor (IGBT) Modules: 250V
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
N0676YS120-180 N0782YS120-160 N0992YS020-060 N0734 |
1346 A, 1800 V, SCR 1554 A, 1600 V, SCR 1995 A, 600 V, SCR 1465 A, 1600 V, SCR 1201 A, 2400 V, SCR
|
Westcode Semiconductors, Ltd.
|
350PJT160 350PJT100 350PJT140 350PJT 350PJT120 |
V(rrm/drm): 1000V; 1200A I(tgq) gate turn-off hockey puk SCR V(rrm/drm): 1600V; 1200A I(tgq) gate turn-off hockey puk SCR V(rrm/drm): 1200V; 1200A I(tgq) gate turn-off hockey puk SCR V(rrm/drm): 1400V; 1200A I(tgq) gate turn-off hockey puk SCR 1200A ITGQ Gate Turn-Off Hockey Puk SCRs
|
IRF[International Rectifier]
|
BDW21A |
SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:20A; Gate Trigger Current Max, Igt:500uA Bipolar NPN Device in a Hermetically sealed TO3
|
Glenair, Inc. Seme LAB
|
FG4000BX-90DA FG4000BX90DA |
1600 A, 4500 V, GATE TURN-OFF SCR MITSUBISHI GATE TURN-OFF THYRISTORS HIGH POWER INVERTER USE PRESS PACK TYPE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] http://
|
320PJT250A 320PJT200A |
V(rrm/drm): 2500V; 1400A I(tgq) gate turn-off hockey puk SCR V(rrm/drm): 2000V; 1400A I(tgq) gate turn-off hockey puk SCR V(rrm/drm): 2000V; 1200A I(tgq) gate turn-off hockey puk SCR
|
International Rectifier
|
|