PART |
Description |
Maker |
26GSD45-01-1-AJ5-F 26GSD45-01-01-08S-F 26GSD45-01- |
Hexadecimal Octal BCD (Adjusted)
|
Grayhill, Inc
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
AD8370ARE AD8370-EVAL AD8370 AD8370ARE-REEL7 |
750MHz Digitally Controlled Variable Gain Amplifier LF to 750 MHz Digitally Controlled VGA
|
AD[Analog Devices]
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
ADM222 ADM242 ADM232A ADM222AARN ADM222AARW |
Nominal:5V; high-speed; 400mW; CMOS RS-232 driver/receiver. For computers, peripherals, modems, printers, instruments Part of a family of high speed RS-232 line drivers/receivers offering transmission rates up to 200 kB/s High Speed, 5V, 0.1 F CMOS RS-232 200kBPS Transceiver with 2 Drivers, 2 Receivers, Shutdown and Enable Pins High Speed, 5V, 0.1 F CMOS RS-232 Transceiver with 2 Drivers, 2 Receivers, 200kBPS Data Rate and a Shutdown Pin
|
Analog Devices
|
AT27BV256-90TI AT27BV256 AT27BV256-12JC AT27BV256- |
High Speed CMOS Logic Dual 4-Stage Binary Counters 14-SOIC -55 to 125 32K X 8 OTPROM, 150 ns, PDSO28 High Speed CMOS Logic Dual 4-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input NOR Gates 14-PDIP -55 to 125 256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
ADCMP562BRQ ADCMP561 ADCMP561BRQ ADCMP562 ADCMP561 |
Dual High Speed PECL Comparator 20 - Lead QSOP Dual High Speed PECL Comparator 16 - Lead QSOP (ADCMP561 / ADCMP562) Dual High Speed PECL Comparators Dual High Speed PECL Comparators COMPARATOR, 10000 uV OFFSET-MAX, PDSO20 Dual High Speed PECL Comparators 双高速PECL的比
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
SH0R3D42 |
HIGH SPEED THYRISTOR SILICON PLANAR TYPE HIGH SPEED SWITCHING AND CONTROL APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
IDTQS3861Q IDTQS3861 IDTQS3861SO IDTQS3861PA QS386 |
QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH The QS3861 provides a set of ten high-speed CMOS TTL-compatible bus switches. High-Speed CMOS 10-Bit Bus Switch with Flow-Thru Pinout
|
INTEGRATED DEVICE TECHNOLOGY INC IDT[Integrated Device Technology]
|