PART |
Description |
Maker |
CY8C24794-SPI CY8C24794-SPAX CY8C24794-SPLFX CY8C2 |
Explosion-Proof Limit Switches Series CX: Short Housing: Top Plunger; 1NC 1NO SPDT Snap Action; Number of internal basic switches BZ: 1; 0.75 in - 14NPT conduit Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-2 PSoCTM Mixed-Signal Array PSoCTM混合信号阵列 Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-1 PSoCTM混合信号阵列
|
Cypress Semiconductor Corp.
|
66079-005 66079 66079-001 66079-005H 66079-004H 66 |
OPTICALLY COUPLED DIGITAL FILTER 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Roller Lever Actuator, Solder Termination 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
7201J1ZQE 7203J1ZQE2 7201J1ZQE2 7201J1A3QE2 598001 |
7000 Series Miniature Rocker Lever Handle Switches Miniature Rocker & Lever Handle Switches Miniature Rocker & Lever Handle Switches
|
C&K Components
|
UL22LXXX |
Miniature Rocker and Lever Switches
|
Apem Components
|
7100MD9AV2BE 7101MD9AV2BE 7101MD9AV2QE |
Rocker and Lever Handle Switches
|
ITT Industries
|
SLLB220900 |
Lever and Push Operation Type Switch
|
ALPS ELECTRIC CO.,LTD.
|
SLLB-15 |
Lever and Push Operation Type Switch
|
ALPS ELECTRIC CO.,LTD.
|
7101J1AKE32 7101J1AKI32 7101J2AKE32 7101J2AKI32 71 |
Rocker and Lever Handle Switches 摇臂开
|
ITT, Corp. ITT Corporation
|
9201J1ZQE2 9221J3ZQE32 9201J1AV2QD1 9201J1AV2QD12 |
Power Rocker and Lever Handle Switches
|
ITT[ITT Industries]
|