PART |
Description |
Maker |
EPC1193G-X |
500 mW DC/DC Converter
|
PCA ELECTRONICS
|
SPT7750AIK |
8-bit, 500 MSPS A/D converter
|
SPT Signal Processing Technologies
|
NCP5010_06 NCP5010 NCP5010FCT1G |
500 mW Boost Converter for White LEDs
|
ONSEMI[ON Semiconductor]
|
1N5985B ON0014 1N6003B 1N5993B 1N5992B 1N5987B 1N5 |
3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,5.6V齐纳电压,齐纳稳压二极管) 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,6.8V齐纳电压,齐纳稳压二极管) 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,12V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,15V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,18V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,10V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,2.4V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,4.3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,3.3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,4.7V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,5.1V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,13V齐纳电压,齐纳稳压二极管) From old datasheet system 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35?荤?灏??,6.2V榻?撼?靛?锛??绾崇ǔ??????)
|
MOTOROLA INC ON Semiconductor
|
TDA8776K TDA8776 |
10-bit, 500 Msps Digital-to-Analog Converter DAC
|
PHILIPS[Philips Semiconductors]
|
HI1276Y |
8-Bit 500 MSPS Flash A/D Converter 800 MSPS的闪光的A / D转换
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AD9484BCPZ-500 AD9484-500EBZ AD9484BCPZRL7-500 |
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
|
Analog Devices
|
AD9234-1000EBZ AD9234-500EBZ AD9234BCPZ-500 AD9234 |
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
|
Analog Devices
|
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
SI9123 |
500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control 500千赫半桥型DC - DC与集成的次级同步整流控制转换
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
|