PART |
Description |
Maker |
LA12-10V21 |
LA12, Magnetic Direct Current Sensor
|
Kemet Corporation
|
MBRX120LF |
Low Forward Volatge Drop Schottky Barrier Diodes
|
Micro Commercial Components
|
EDR2518ABSE-8C EDR2518ABSE-8C-E EDR2518ABSE-AD-E E |
CHOKE RF HI CURRENT 150UH 10% Circular Connector; No. of Contacts:37; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 RoHS Compliant: No 288M bits Direct Rambus DRAM 16M X 18 DIRECT RAMBUS DRAM, PBGA80
|
Elpida Memory, Inc. ELPIDA MEMORY INC
|
MC56F8013 |
the design of a 3-phase brushless direct current (BLDC) drive based on Freescales DSP56F8013 dedicat
|
Freescale Semiconductor
|
0710183 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 3, mounting: Direct mounting - DFK-MSTB 2,5/ 3-GF-5,08
|
Phoenix Contact
|
CYW134MOXC CYW134MOXCT CYW134SOXC CYW134SOXCT W134 |
Direct Rambus?Clock Generator Direct Rambus⑩ Clock Generator Direct Rambus垄芒 Clock Generator Direct Rambus Clock Generator
|
Cypress Semiconductor
|
FAITD260 D2TZM1-150M D2TZM1-275 FAITD15 FAITD55 FA |
Photorelays (MOSFET Output Devices); Features: 1b (Normaly Close); Package: DIP4; Surface Mount Type: Y/N; Number of Pins: 4; Trigger LED Current Regulator; Features: Low current output; Note: Surface-mount PW-MOLD(SOT-89) package; Comments: 60V load dump; V OUT (%): (max /-10) Regulator; Features: Medium current output; Note: Isolation package; Comments: 60V load dump; V OUT (%): (max /-3) Photorelays (MOSFET Output Devices); Features: 1b (Normaly Close); Package: 2.54SOP4; Surface Mount Type: Y; Number of Pins: 4; Trigger LED Current Series Regulators; Surface Mount Type: Y/N; Package: PW-MOLD; Number Of Pins: 3; Polarity: Positive; General Description: Three-Terminal Voltage Regulator; Features: High current output; Note: Surface-mount PW-MOLD package; V OUT (%): (max /-4) Series Regulators; Surface Mount Type: N; Package: New PW-MOLD; Number Of Pins: 3; Polarity: Positive; General Description: Three-Terminal Voltage Regulator; Features: High current output; Note: Surface-mount PW-MOLD package Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 13.5V (15V); Io (lpeak): 0.8A (1A); Channel: 2-ch; PWM Drive: direct PWM; Package: QON24; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 30V (50V); Io (lpeak): 1A (2.5A); Channel: 1-ch; PWM Drive: direct PWM & constant current PWM; Package: HSOP16; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 36V (40V); Io (lpeak): (1.5A); Channel: 2-ch; PWM Drive: direct PWM; Package: NDIP24; RoHS Compatible: yes Logic IC 逻辑IC Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 27V (30V); Io (lpeak): 1.5A (3A); Channel: 1-ch; PWM Drive: n/a; Package: HZIP7; RoHS Compatible: yes‡ Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 30V (50V); Io (lpeak): 1A (2.5A); Channel: 1-ch; PWM Drive: direct PWM & constant current PWM; Package: HSOP16; RoHS Compatible: yes Operational Amplifier ICs and Comparator ICs; Surface Mount Type: Y; Package: US8; Number of Pins: 8; Features: push-pull output
|
L-com, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc.
|
MC-4R512FKK8K MC-4R512FKK8K-840 |
512MB 32-bit Direct Rambus DRAM RIMM Module 256M X 18 DIRECT RAMBUS DRAM MODULE, DMA232
|
Elpida Memory, Inc. ELPIDA[Elpida Memory]
|
C460DA1000-0327 C460DA1000-0325 C460DA1000-0311 C4 |
Direct Attach LED Technology Rectangular LED RF Performance LEDs Direct Attach DA1000 LEDs
|
Cree, Inc Marktech Corporate
|
MC-4R256FKE8S-840 |
Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT) 128M X 18 DIRECT RAMBUS DRAM MODULE, DMA160
|
Elpida Memory, Inc. ELPIDA[Elpida Memory]
|