PART |
Description |
Maker |
IPT1-125-01-S-D-RA IPT1-110-01-S-D-RA |
CONN PLUG .100 50POS DL PCB R/A 50 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN PLUG .100 20POS DL PCB R/A
|
Samtec, Inc. SAMTEC INC
|
TSW-116-08-T-D-RA TSW-103-25-T-D-RA TSW-150-17-T-S |
.025'' sq. Terminal Strips 32 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER .025'' sq. Terminal Strips 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 50POS .100 SNGL TIN 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER .025'' sq. Terminal Strips 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 50POS .100 SGL GOLD 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HDR VERT 50POS .100 SNGL 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 50PS .100 SGL R/A AU 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER .025'' sq. Terminal Strips 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER .025'' sq. Terminal Strips 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER .025'' sq. Terminal Strips 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER .025'' sq. Terminal Strips 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 29 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 99 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 43 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Samtec, Inc. SAMTEC INC
|
BS-AD42RD BS-AD41 BS-AD41RD BS-AD43RD BS-AD45RD BS |
1.8V 11-Outputs Clock Multiplier, Distributor, Jitter Cleaner and Buffer 48-VQFN -40 to 85 一位数字LED显示 SINGLE DIGIT LED DISPLAYS 一位数字LED显示 3.3-V Phase-Lock Loop Clock Driver 24-TSSOP 0 to 70 CONN HEADER VERT 3POS .100 TIN
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Yellow Stone Corp List of Unclassifed Man...
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
SQT-105-01-L-S-RA SQT-150-01-L-S-RA |
5 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT 2MM 50POS SGL R/A PCB
|
SAMTEC INC
|
VI-RU VI-LU0-IY VI-LU0-IX VI-LU0-IW VI-LU0-IV VI-L |
Vicor Corporation PLUG, INLINE FREE 5WAY Connectors RESISTOR 15 OHM 4.5W 1400 JOULE CONN HEADER 22POS 3MM R/A TIN 430452219 OSCILLLATOR-50.000MHZ,TTL 100PPM,LOW PF, 50 to 600W Autoranging AC-DC Switchers 5000W自动调节交直流切 430451608 5000W自动调节交直流切 CAP 1UF 10V 20% X7R SMD-0805 TR-7 PLATED-NI/SN 5000W自动调节交直流切 CONN HEADER 16POS 3MM VERT GOLD 5000W自动调节交直流切 50 to 600W Autoranging AC-DC Switchers
|
http:// VICOR[Vicor Corporation] Vicor, Corp. Intel, Corp.
|
FM220-LN FM2100-LN FM250-LN FM260-LN FM280-LN FM23 |
CONN HEADER .05 30POS DUAL SMD Chip Schottky Barrier Diodes - Silicon epitaxial planer type CONN HEADER .05 60POS DUAL T/H
|
美丽微半导体有限公司 缇?附寰??瀵间???????
|
44428-1402 44428-0406 44428-0401 |
CONN HEADER 14POS 3MM R/A GOLD 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit BMI RA DR Hdr 30Au 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 4POS 3MM RT ANG TIN 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
3-644486-2 2-644486-2 2-644486-8 |
MTA-100 SHROUDED HEADER ASSEMBLY, FRICTION LOCK, STRAIGHT POST, TIN OR TIN LEAD PLATED
|
Tyco Electronics
|
A-7478-28A102 0022053281 22-05-3281 |
2.54mm (.100) Pitch KK? Solid Header, Right Angle, with Friction Lock, 28 Circuits, Tin (Sn) Plating 2.54mm (.100) Pitch KK庐 Solid Header, Right Angle, with Friction Lock, 28 Circuits, Tin (Sn) Plating 2.54mm (.100) Pitch KK垄莽 Solid Header, Right Angle, with Friction Lock, 28 Circuits, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
|