PART |
Description |
Maker |
1752992001 |
Pin Header; Pitch Spacing:0.138"; Mounting Type:Surface Mount; Approval Bodies:UL, CSA, VDE; Contact Plating:Tin; Gender:Header; Leaded Process Compatible:Yes; Number of Contacts:3; Number of Rows:1
|
WEIDMULLER
|
35507-1100 35507-1400 |
Wire To Board Header; Number of Contacts:11; Pitch Spacing:0.079"; Number of Rows:1; Gender:Header; Series:35507; Body Material:Polyamide; Current Rating:2A; Voltage Rating:125V 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 14CKT NEW 2.0 W/B CONN HOUSING 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
15-92-3050 15-92-3068 |
50 CKT .025 RC EBBI RECEP MS716603050 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE PCB Header; Number of Contacts:68; Pitch Spacing:0.05"; Number of Rows:2; Gender:Receptacle; Body Material:Thermoplastic; Contact Material:Copper Alloy; Contact Plating:Gold; Current Rating:1A; Housing Style:Right-Angle
|
Molex, Inc. MOLEX INC
|
39355-0016 |
Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6
|
Molex
|
LP62S16512-I LP62S16512U-55LLI LP62S16512U-70LLI L |
512K X 16 BIT LOW VOLTAGE CMOS SRAM Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AMICC[AMIC Technology] AMIC Technology Corporation
|
22-01-3097 |
Connector Housing; Gender:Female; Number of Contacts:9; Series:2695; Body Material:PA Polyamide (Nylon); Color:White; Connecting Termination:Crimp; Number of Rows:1; Pitch Spacing:2.54mm
|
Molex
|
LP62E16512U-70LLT LP62E16512-T |
Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes 512K X 16 BIT LOW VOLTAGE CMOS SRAM
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
Q62703-Q3854 Q62703-Q2290 Q62703-Q3081 Q62703-Q251 |
Super TOPLED High-Current LED Shielded Paired Cable; Number of Conductors:2; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes DIODE FRED 200V 2X123A SOT-227
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG Siemens Semiconductor G...
|
LF00 LF55C LF50CPT LF50AB LF50CDT LF50ABDT LF50ABP |
Header; No. of Contacts:24; Pitch Spacing:2mm; No. of Rows:2; Series:Milli-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin Header; Number of Contacts:16; Pitch Spacing:2mm; Number of Rows:2; Series:Milli-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT 极低降稳压器与抑制研 VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
|
意法半导 STMicroelectronics N.V.
|
1728720000 |
Terminal Block; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:2; Series:S2L; Operating Voltage:150V 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|