PART |
Description |
Maker |
724663-1 755332-1 171822-2 171822-3 171822-4 17182 |
Ultra-Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial Economy Interconnection Series Economy Interconnection (EI) Series Connectors
|
Electronic Theatre Controls, Inc. AMP List of Unclassifed Manufacturers
|
21049-0113 21049-0368 21049-0201 21049-0353 21049- |
1.25MM FFC JUMPER 210490113 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490368 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490201 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490353 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490101 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490102 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490442 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490222 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490315 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490161 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490203 INTERCONNECTION DEVICE 1.25MM FFC JUMPER 210490190 1.25MM FFC JUMPER 210490496
|
Molex, Inc. MOLEX INC
|
SAA5290ZP/NV SAA5491 SAA5491H SAA5491PS SAA5496 SA |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT07; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight Economy teletext and TV microcontrollers One page Economy Teletext/TV microcontroller
|
NXP Semiconductors N.V. Philips Semiconductors
|
1-1744439-2 |
Economy Power 2.5 (EP 2.5) Connector Series
|
Tyco Electronics
|
1-1623920-3 |
SMD ECONOMY TRIMMERS SERIES 3142
|
Tyco Electronics
|
TDA4858 |
Economy Autosync Deflection Controller (EASDC)
|
NXP Semiconductors
|
GEM600-24G GEM600-28G GEM600-36G GEM600-48G |
600W Single Output Economy/Technology Switchers
|
SL Power Electronics
|
DS1100L |
3.3V 5-Tap Economy Timing Element (Delay Line)
|
Maxim Integrated Products
|
AFET07SC AFET01SC AFET02SC AFET03SC AFET04SC AFET0 |
Photoelectrics Fibre Optics, Plastic, Economy Line
|
List of Unclassifed Manufacturers ETC[ETC]
|
UDA1345TS_4 UDA1345TS/N2 |
UDA1345TS; Economy audio CODEC From old datasheet system
|
Philips
|
AQW454 AQW454AZ AQW454A AQW454AX |
PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Surface mount terminal. Picked from the 5/6/7/8-pin side. PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Surface mount terminal. Picked from the 1/2/3/4-pin side. PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. HE (High-function Economy) Type [2-Channel (Form B) Type] 他(高功能经济)类型[2通道(表B)型]
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp.
|
74752-9004 74752-9001 74752-4501 74752-4101 74752- |
SFP Copper Patch Cbl 10G-10M(Pass w/o eq INTERCONNECTION DEVICE SFP Copper Patch Cbl(Pssv w/o EQ)30 AWG INTERCONNECTION DEVICE SFP Copper Patch Cable 10G - 5 M 24AWG INTERCONNECTION DEVICE SFP Copper Patch Cable 10G - 1 M 24AWG INTERCONNECTION DEVICE SFP Copper Patch Cable 10G - 1M 26AWG INTERCONNECTION DEVICE SFP Copper Patch Cable 10G - 1 M INTERCONNECTION DEVICE
|
Molex, Inc.
|