PART |
Description |
Maker |
207120-3 207120-8 207120-9 |
5mm ( .197" ) Centerline, 600 V, 14 A max. ( Metrimate ); METRIMATE PIN HDR ASY,12P LF ( AMP ) 5mm ( .197" ) Centerline, 600 V, 14 A max. ( Metrimate ); METRIMATE PIN HEADER ASSY,12P ( AMP )
|
Tyco Electronics
|
3-208403-2 |
5mm (.197") Centerline, 600 V, 14 A max. (Metrimate)
|
Tyco Electronics
|
1-350720-2 1-350720-3 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); 09P UMNL V0 PLUG HSG ORANGE ( AMP ) .250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); 09P UMNL V0 PLUG HSG RED ( AMP )
|
Tyco Electronics
|
2-480700-0 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); 03P UMNL PLUG HSG ( AMP )
|
Tyco Electronics
|
207119-2 |
5mm ( .197" ) Centerline, 600 V, 14 A max. ( Metrimate ); METRIMATE PIN HEADER ASSY,4P ( AMP )
|
Tyco Electronics
|
207153-1 |
5mm ( .197" ) Centerline, 600 V, 14 A max. ( Metrimate ); 6 POS SQ GRID METRIMATE-RCPT ( AMP )
|
Tyco Electronics
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
2PH140UA 2PH140UB 2PH12UA 2PH12UB 2PH21SGA 2PH21SG |
2.00mm PIN HEADERS .079 [2.00] CENTERLINE
|
Adam Technologies, Inc.
|
MTF26 MTFXX MTF-26 |
(MTF-xx) Centerline Single and Dual ROW
|
Methode Electronics
|
DFW-C04 DFW-C02 DFW-C03 DMC01B DFW-B02 DFW-B03 DFW |
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
|
Adam Technologies, Inc.
|
|