PART |
Description |
Maker |
ST083S04PFM0 ST083S08PFM0 ST083S04PFN0 ST083S08PFN |
INVERTER GRADE THYRISTORS 晶闸管逆变器级 1200V 135A Inverter Thyristor in a TO-209AC (TO-94) package 1000V 135A Inverter Thyristor in a TO-209AC (TO-94) package 800V 135A Inverter Thyristor in a TO-209AC (TO-94) package 400V 135A Inverter Thyristor in a TO-209AC (TO-94) package
|
International Rectifier, Corp.
|
KIC7S04FU |
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER) 硅单片CMOS数字集成电路(逆变器) Inverter Gate
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
PSI150/24/EU PSI100/24/EU |
400V 14A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package; A OM5008ST with Standard Packaging INVERTER 100W 12V DC TO AC INVERTER 150W 24V DC TO AC 24V直流逆变50瓦到AC
|
TRACO ELECTRONIC AG
|
ST333C..CSERIES 2694 ST333C04CFM0 ST333C08CFM0 ST3 |
800V435A逆变晶闸管采用TO - 200AB(电子北辰)封装 INVERTER GRADE THYRISTORS From old datasheet system 400V 1435A Inverter Thyristor in a TO-200AB (E-Puk) package 800V 1435A Inverter Thyristor in a TO-200AB (E-Puk) package Silicon Controlled Rectifier, 1435 A, 800 V, SCR, TO-200AB, METAL CASE WITH CERAMIC INSULATOR, EPUK-3
|
International Rectifier Vishay Semiconductors
|
HD74LV1G14A |
Inverter with Schmitttrigger Input 逆变器与施密特?触发器输 Inverter with Schmitt?trigger Input Inverter with Schmitt-trigger Input
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
NC7SPU04P5X NC7SPU04 NC7SPU04L6X |
TinyLogic ULP Unbuffered Inverter HC/UH SERIES, 1-INPUT INVERT GATE, DSO6 TinyLogic ULP Unbuffered Inverter TinyLogic ULP Unbuffered Inverter
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74F04 N74F04D N74F04N I74F04N I74F04D I74F04 I74F0 |
Hex inverter - Description: Hex Inverter ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -1/ 20 mA ; Propagation delay: 3.5 ns; Voltage: 4.5-5.5 V; Package: week 5, 2004 F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CT75AM-12 |
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR GENERAL INVERTER UPS USE
GENERAL INVERTER . UPS USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
TR9-B-S TR25-A-S |
Transformers for Inverter or Converter 1 W, INVERTER TRANSFORMER Transformers for Inverter or Converter 4 W, INVERTER TRANSFORMER
|
MITSUMI ELECTRIC CO., LTD.
|
M74HCU04B1R M74HCU04C1R M74HCU04M1R M54HCU04K1 M54 |
RAD HARD HEX INVERTER (SINGLE STATE) HEX INVERTER SINGLE STAGE
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|