PART |
Description |
Maker |
STE2002 |
81 X 128 single-chip LCD controller/driver
|
STMicroelectronics
|
UC1605I |
Single-Chip, Ultra-Low Power 80 COM x 128 SEG Matrix Passive LCD Controller-Driver
|
Ultra Chip, Inc.
|
STE2002DIE2 STE2002DIE1 |
0.5mm Pitch DIL Vertical SMT Female Assembly, 1.5mm height, location pegs, hold-down tabs, tin, 15 15-way, Tape & Reel packing 81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
|
意法半导
|
UPD16687W UPD16686 UPD16686P UPD16686W UPD16687 UP |
1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
|
NEC[NEC]
|
LC87F72C8A |
8-BIT SINGLE CHIP MICROCONTROLLER WITH 128 KB FLASH MEMORY AND 2048-BYTE RAM ON CHIP CMOS IC
|
Sanyo Semicon Device
|
LPC2124 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC Single Chip 32-bit Microcontroller Erratasheet
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
HD66726 HD66729 HD66741 HD66750 HD66750TB0 HD66751 |
128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
|
HITACHI[Hitachi Semiconductor]
|
PCF2119X11 |
LCD controllers/drivers Single-chip LCD controller and driver
|
NXP Semiconductors
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
LC58E76 LC5872 LC5873 LC5874 LC5876 |
On-Chip EPROM Microcomputer 4-Bit Single-Chip Microprocessor with LCD Driver, 12 Kbytes of EPROM and 1Kbits of RAM On-Chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
LC5852N |
Four-Bit Single-Chip Microcontroller with On-Chip LCD Drivers for Small-Scale Control in Medium-Speed Applications
|
SANYO
|
LPC2114 LPC2124 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP fash
|
NXP Semiconductors
|