PART |
Description |
Maker |
MC3448AL MM3448AP AM3448A AM3448AX MC3448A |
IEEE-488 QUAD BIDIRECTIONAL TRANSCEIVER IEEE - 488接口四双向收发器
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers AMD Advanced Micro Devices
|
UVQ-18_5.6-D24P-C |
Low Profi le, Isolated Quarter Brick 2.5 40 Amp DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
MTW30-51515 MTW30-51212 MTW15-51212 MTW15-51515 |
15W to 60W Low Profi le Triple Output Power Supplies
|
TDK Electronics
|
UEE-3.3-15-D48 UEE-3.3-25-D48 UEE-3.3-30-D48 |
Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
EVM2NSX80B52 EVM2T EVM2W |
2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
|
Panasonic Semiconductor
|
EVM-3WSX80B24 |
3 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
|
Panasonic Semiconductor
|
NU-73B94B-PG NU-73B94B-P-AG |
3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - TG.984.2 BG - PON的ONU的收发器 3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver 3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - T的G.984.2 B级G - PON的ONU的收发器
|
Optoway Technology Inc. Optoway Technology, Inc.
|
MPA400LX-36ZZ MPA400L MPA400LX-12ZZ MPA400LX-18ZZ |
Low Profi le 400W Single Output Power Factor Corrected AC/DC Power Supplies
|
MicroPower Direct, LLC
|
SCD128310QCE CD1283 SCD1283 |
IEEE 1284-Compatible Parallel Interface
|
INTEL[Intel Corporation]
|
SI3460-XYY-GM SI3460-EVB |
IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
|
Silicon Laboratories
|