PART |
Description |
Maker |
PCI-1601A |
2-port RS-422/485 Universal PCI Communication Card
|
Advantech Co., Ltd.
|
MAX3040 MAX3040CSE MAX3040CUE MAX3040CWE MAX3040ES |
±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters QUAD LINE DRIVER, PDSO16 10kV ESD-Protected / Quad 5V RS-485/RS-422 Transmitters 【10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters "?0kV ESD-Protected, 2.5Mbps, 5V Quad RS- 485/422 Transmitter" "?0kV ESD Protected, 250kbps, 5V Quad RS- 485/422 Transmitter" "?0kV ESD-Protected, 20Mbps, 5V Quad RS-485/422 Transmitter" " ?à10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters" ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PCI-1603 |
2-port RS-422/485 PCI Communication Card
|
Advantech Co., Ltd.
|
ADAM-4570S ADAM-4571S |
2-port isolated RS-422/485 to Ethernet Data Gateway
|
Advantech Co., Ltd.
|
ADAM-4562 ADAM-4561 |
1-port Isolated USB to RS-232/422/485 Converter
|
Advantech Co., Ltd.
|
2745AJ 2745CA 2745CA2 2745AJ2 |
HIGH FREQUENCY MAGNETICST1/E1 Through Hole Transformers T1/E1 Transformer 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers
|
Bel Fuse Inc.
|
MAX3460 MAX3460CPD MAX3460CSD MAX3460EPD MAX3460ES |
5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDSO14 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDIP8 Single LVDS Receiver 5-SOT-23 -40 to 85 Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 " 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers" 5V Fail-Safe 20Mbps Profibus RS-485/ RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers 5V / Fail-Safe / 20Mbps / Profibus RS-485/ RS-422 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX487 MAX487E MAX487ECPA MAX487ECSA MAX487EEPA MA |
??5kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers 3.3/5-V RS-485 Transceiver 8-SOIC -40 to 85 15kV ESD-Protected / Slew-Rate-Limited / Low-Power / RS-485/RS-422 Transceivers 【15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers From old datasheet system " ?à15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers" ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers 卤15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ST485ERXN ST485ER ST485ERBD ST485ERBDR ST485ERBN S |
LINE TRANSCEIVER, PDSO8 5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 5kV的ESD保护,低功RS-485/RS-422收发 MAX II CPLD 2210 LE 256-FBGA 低功耗RS-485/RS422收发 LOW POWER RS-485/RS422 TRANSCEIVER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
XR3160EIU-F XR3160ECU-F XR3160EIU-0A-EB |
RS-232/RS-485/RS-422 TRANSCEIVER RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
|
Exar Corporation
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
|