PART |
Description |
Maker |
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
RIF-1-RSC-LDP-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
|
PHOENIX CONTACT
|
TC1279-5ENB TC1278 TC1278-10ENB TC1278-15ENB TC127 |
3-Pin Reset Monitors for 5V Systems 3引脚复位监控器的5V系统 Fast Recovery Power Rectifier; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):3A; Non Repetitive Forward Surge Current Max, Ifsm:150A; Reverse Recovery Time, trr:50ns; Forward Voltage Max, VF:1V
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
2SJ626 2SJ626-T1B 2SJ626-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:30V; Forward Voltage Max, VF:1V; Vf Test Current:5mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:150mA; Forward Current Max, If:150mA; Forward Voltage:1.0V MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|
RIF-2-RSC-LV-120AC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-1-RSC-LV-120AC |
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
HIF6B-068PA-1.27DSA HIF6-068D-1.27R HIF6-068PA-1.2 |
1.27mm Pitch Two-Piece Connector FLASHER DC PWR SUP 55W 5V 24V 12V-12V OUT 1.27mm间距两件连接 1.27mm Pitch Two-Piece Connector 1.27mm间距两件连接 CAP CERM 47000PF 2000V X7R 10% R Time-Delay Relay; Contacts:DPDT; Time Range:0.1 sec. to 1024 hr.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Approval Bodies:UL, CSA; Leaded Process Compatible:Yes; Relay Mounting:Plug-In; Supply Voltage:115VAC RoHS Compliant: Yes Time-Delay Relay; Contacts:SPDT; Time Range:0.1 sec. to 1024 hr.; Mounting Type:Plug In; Timing Function:Retriggerable Delay-On-Make; Approval Bodies:UL, CSA; Leaded Process Compatible:Yes; Relay Mounting:Plug-In RoHS Compliant: Yes Time-Delay Relay; Contacts:DPDT; Time Range:0.1 sec. to 1024 hr.; Mounting Type:Plug In; Timing Function:Repeat Cycle; Approval Bodies:UL, CSA; Leaded Process Compatible:Yes; Relay Mounting:Plug-In; Supply Voltage:115VAC RoHS Compliant: Yes Time-Delay Relay; Contacts:DPDT; Time Range:0.1 sec. to 1024 hr.; Mounting Type:Plug In; Timing Function:Off-On Repeat Cycle; Approval Bodies:UL, CSA; Leaded Process Compatible:Yes; Relay Mounting:Plug-In; Supply Voltage:115VAC RoHS Compliant: Yes LED Lamp; Bulb Size:3mm; LED Color:Red; Luminous Intensity:1.6mcd; Viewing Angle:60 ; Forward Current:2mA; Forward Voltage:1.7V; Operating Temperature Range:-55 C to C; Leaded Process Compatible:No RoHS Compliant: No Time-Delay Relay; Contacts:SPDT; Time Range:0.1 sec. to 1024 hr.; Mounting Type:Plug In; Timing Function:Delay-On-Break; Approval Bodies:UL, CSA; Leaded Process Compatible:Yes; Relay Mounting:Plug-In; Supply Voltage:115VAC RoHS Compliant: Yes Parallel Interface Board for 622,632,642MCL00x Time-Delay Relay; Time Range:1 to 60FPM; Timing Function:On-Off Flasher; Flash Rate Per Minute:60; Leaded Process Compatible:Yes; Supply Voltage:115VAC; Contact Rating:1A, 115VAC; For Use With:AC Circuit RoHS Compliant: Yes CONNECT-CRIMP BX MT RCPT WIDE FLNGE CONNECT-CRIMP STRT PLUG L/C Time-Delay Relay; Time Range:1 to 60FPM; Timing Function:Flasher; Flash Rate Per Minute:60; Leaded Process Compatible:Yes; Supply Voltage:24VDC; Contact Rating:1A, 24VDC; For Use With:DC Circuit RoHS Compliant: Yes CAP CERM .10UF 1000V X7R 10% RAD
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric] http://
|
RIF-0-RSC-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
2SK2148-01R |
LED Mount; Bulb Size:T-1; LED Color:High Efficiency Red; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes N-channel MOS-FET
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|