PART |
Description |
Maker |
MQ-131 |
GAS SENSOR
|
ETC
|
MQ6 |
GAS SENSOR
|
HANWEI
|
MQ7 |
GAS SENSOR
|
Hanwei
|
NTE15049AC NTE15040-ECG NTE15048-ECG NTE15050AC NT |
Surge arrester (gas filled). Nominal breakdown voltage 240VAC. Surge arrester (gas filled). Nominal breakdown voltage 600VDC Surge arrester (gas filled). Nominal breakdown voltage 230VDC Surge arrester (gas filled). Nominal breakdown voltage 300VDC Surge arrester (gas filled). Nominal breakdown voltage 90VDC Surge arrester (gas filled). Nominal breakdown voltage 110VDC Surge Arresters (Gas Filled) 避雷器(充气 Surge arrester (gas filled). Nominal breakdown voltage 350VDC Surge arrester (gas filled). Nominal breakdown voltage 145VDC Surge arrester (gas filled). Nominal breakdown voltage 470VDC Surge arrester (gas filled). Nominal breakdown voltage 75VDC Surge arrester (gas filled). Nominal breakdown voltage 120VAC.
|
NTE Electronics, Inc.
|
LT800 LT230 |
Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
|
LITTELFUSE[Littelfuse]
|
V62C2802048LL-70T V62C2802048L-70T V62C2802048LL-8 |
Ultra Low Power 256K x 8 CMOS SRAM 超低功56K × 8 CMOS SRAM Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:2mm; Sensor Output:PNP, NO; Switch Terminals:Wire Leads; Sensor Housing:Cylindrical RoHS Compliant: Yes
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
EMC1203-ACZL-TR |
Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
SMSC, Corp.
|
6100-100K-RC 6100-472K-RC 6100-392K-RC 6100-821K-R |
Mounting Rail for Gas Discharge Tube Series 1800 10ohm 10% Radial 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Mounting Rail for Gas Discharge Tube Series 1800 4.7K 10% Radial 1 ELEMENT, 4700 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Mounting Rail for Gas Discharge Tube Series 1800 3.9K 10% Radial 1 ELEMENT, 3900 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Mounting Rail for Gas Discharge Tube Series 1800 820ohm 10% Radial 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Mounting Rail for Gas Discharge Tube Series 1800 33ohm 10% Radial 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Mounting Rail for Gas Discharge Tube Series 1800 2.7K 10% Radial 1 ELEMENT, 2700 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc.
|
KM110BH KM110BH2430 KM110BH2470 |
30° and 70° angle sensor hybrids 30?and 70?angle sensor hybrids 30 and 70 angle sensor hybrids 30∑ and 70∑ angle sensor hybrids 30and 70angle sensor hybrids 30deg angle sensor hybrid.
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MN39116AT |
Diagonal 4.5 mm (type-1/4) 270k-pixel CCD Area Image Sensor IMAGE SENSOR-CCD, SQUARE, THROUGH HOLE MOUNT Image Sensor - Surveillance Cameras(B/W)
|
Panasonic, Corp.
|
|