PART |
Description |
Maker |
LTC1326-2.5 |
Micropower Precision Triple Supply Monitors(微功三路电源精密监视2.5V.3V和可) Micropower Precision Triple Supply Monitors(寰????涓?矾?垫?绮惧??????2.5V锛?.3V???璋?)
|
Linear Technology Corporation
|
LTC1728HS5-5 LTC1727 |
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
|
Linear Technology
|
LTC1985-1.8 17278FA |
Micropower Precision Triple Supply Monitor with Push-Pull Reset Output, SOT-23 From old datasheet system
|
Linear
|
LT1782 LT2178A LT1175-5 LTC2402 LTC1966 LTC196611 |
Precision Micropower RMS-to-DC Converter Precision Micropower, Delta Sigma RMS-to-DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C RMS TO DC CONVERTER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
AD1583 AD1582ART-REEL |
3.0V Micropower, Precisions Series Mode Voltage References 2.5 V Micropower, Precision Mode Voltage Reference 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
|
Analog Devices
|
AS7C331MPFS32A-36A_V2.9 AS7C331MPFS36A-200TQIN AS7 |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 1M X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 36 STANDARD SRAM, 3.1 ns, PQFP100 3.3V 1M x 32/36 pipelined burst synchronous SRAM 1M X 36 STANDARD SRAM, 3.8 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
NJU7711F3 NJU7710 NJU7710F NJU7710F3 NJU7711F |
10-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 5-SC70 -40 to 85 10-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 3-SOT-23 -40 to 85 2ch VOLTAGE DETECTOR
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LM4041DIM3-ADJ LM4040AIM3-5.0 LM4040BIM3-4.1 LM404 |
Precision Micropower Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 SCSI Unshld SR 50Ckt Precision Micropower Shunt Voltage Reference
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LT1078 LT1078AC LT1078ACH LT1078ACN8 LT1078AM LT10 |
Micropower/ Dual and Quad/ Single Supply/ Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps Micropower Dual and Quad Single Supply Precision Op Amps From old datasheet system
|
LINER[Linear Technology]
|
LTC1536 LTC1536C LTC1536CMS8 LTC1536CS8 LTC1536I L |
Advanced LinEPIC Self-Calibrating (Self-Cal) Precision Single Operational Amplifier 8-SOIC Precision Triple Supply Monitor for PCI Applications
|
Linear Technology Corporation LINER[Linear Technology]
|
LT1716 LT1716CS5 LT1716HS5 LT1716IS5 |
Microprocessor Crystal; Frequency:24.576MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator SOT-23, 44V, Over-the-Top, Micropower, Precision, Rail-to-Rail Comparator
|
Linear Technology Corporation LINER[Linear Technology]
|
ADR390AUJZ-R2 ADR390AUJZ-REEL7 ADR390BUJZ-REEL7 AD |
2.048 V Micropower Low Noise Precision Voltage References with Shutdown 4.096 V Micropower Low Noise Precision Voltage References with Shutdown
|
Analog Devices
|