PART |
Description |
Maker |
LTC-4627WC LTC4627WC |
(LTC-4xxx / LTD-4xxx / LTS-4x01A) 7-Segment Numeric LED Display
|
LITE-ON Electronics
|
LTS-3406LG LTS3406LG -LTS3406LG |
The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY ALUMINUM ELECTROLYTIC CAPACITOR; CAPACITANCE:10UF; CAPACITANCE TOLERANCE: /- 20
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3403LG LTS3403LG |
SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
|
???绉???′唤?????? 光宝科技股份有限公司 LITE-ON Electronics LITEON[Lite-On Technology Corporation]
|
LTS-3406LY LTS3406LY |
The LTS-3406LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 LITE-ON ELECTRONICS INC
|
RC206 RC202 RC205 RC203 RC201 RC204 |
SILICON BRIDGE RECTIFIERS Reverse Voltage - 50 to 1000 Vo lts Forward Current - 2.0 Amperes
|
Chendahang Electronics Co., Ltd Chendahang Electronics ...
|
1N5937B 1N5949B 1N5950B 1N5932B |
GLAS S PASSIVA TED JUNC TION S ILICON ZENER DIODE VO LTA GE - 1 1 T O 200 Vo lts
|
Gaomi Xinghe Electronics Co., Ltd.
|
1MC04048 |
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.4x0.4 mm. Each TEC type is available with five different heights as options
|
RMT Ltd.
|
1MC04018 1MC04-018-12 1MC04-018-15 1MC04-018-05 1M |
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.4x0.4 mm. Each TEC type is available with five different heights as options Thermoelectric Module
|
RMT Ltd.
|
3EZXXD5G 3EZ6.2D5RLG 3EZXXD5RLG |
3 Watt DO-41 Surmetic 30 Zener Voltage Regulators 3 Watt DO-41 Surmetic?/a> 30 Zener Voltage Regulators 3 W Zener Regulator 6.2 V SUR30; Package: Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Tape and Reel; Qty per Container: 6000 6.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 3 Watt DO-41 Surmetic?/a> 30 Zener Voltage Regulators
|
ON Semiconductor
|
MMBZ5223BW MMBZ5225BW MMBZ5226BW MMBZ5227BW MMBZ52 |
DIODE ZENER 3.6V 200MW SOT-323 3.6 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200mW SURFACE MOUNT ZENER DIODE 3-26V Dual Operational Amplifier, Ta = -40 to 105°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 500mA, Adjustable Output 1.2 to 37V, Voltage Regulator with ±4% tolerance, Ta = -40°C to 125°C; Package: SOT-223 (TO-261) 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 4000 200mW的表面贴装稳压二极管 1500 W Transient Voltage Suppressor 15 V MOSORB Unidir; Package: Axial Lead MOSORB 9.52x5.21mm, 25.4x0.97mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 500 200mW的表面贴装稳压二极管
|
DIODES[Diodes Incorporated] Diodes Inc. PanJit International, Inc. Diodes, Inc.
|
TGL41-10 TGL41-100 TGL41-100A TGL41-10A TGL41-110 |
350 Watt 5V TVS Quad Array; Package: SC-74 (SC-59ML) 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 USB TO PS2 FLASHABLE USER CABLE Adjustable 2.5-36V /- 1% Tolerance 1-100mA Shunt Regulator - PB Free; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar Power TO220 PNP 2A 100V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB TVS Single Line Low Capacitance 5V SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 5 Line Transient Voltage Suppressor Array; Package: SC-88/SC70-6/SOT-363 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 500 Watt Transient Voltage Suppressor 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 500 Watt Transient Voltage Suppressor 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar Power TO220 NPN 8A 100V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 6 SERVSWITCH DT-SERIES CPU CABLE 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar T0220 NPN 4A 100V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar Power TO220 PNP 3A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 500 W Transient Voltage Suppressor 12 V MiniMOSORB Unidirectional; Package: Axial Lead 7.60x3.60mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 1000 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar Power TO220 NPN 3A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar Power TO220 PNP 5A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Bipolar Power TO220 NPN 5A 60V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 USB TO PS2 NONFLASHABLE USER CABLE Adjustable 2.5-36V /-1% Tolerance 1-100mA Shunt Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 CAT 6 BLADE SERVER PATCH CABLE 10 WHT DB9 TO 6-PIN MINI-DIN ADAPTER, FF DB9 TO 6-PIN MINI-DIN ADAPTER MM CAT 6 BLADE SERVER PATCH CABLE 7 WHT Bipolar Power TO220 NPN 1A 250V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 CAT5E PATCH CORD 100MHZ 5 FOOT BLACK Bipolar Power TO218 NPN 10A 100V; Package: SOT-93 (T0-218) 4 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 30 350 Watt 24V TVS Quad Array; Package: SC-74 (SC-59ML) 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 200W Transient Voltage Suppressor 51V SOD-123FL Unidirectional; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 5 Line Transient Voltage Suppressor Array; Package: TSOP-6; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 200W Transient Voltage Suppressor 7.0V SOD-123FL Unidirectional; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 200W Transient Voltage Suppressor 17V SOD-123FL Unidirectional; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 Internally Compensated Dual Low Noise Operational Amplifier - Pb-free; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 CAT5E PATCH CORD 6 FOOT BLACK Pulse Width Modulator Control Circuit; Package: SO-16 WB; No of Pins: 16; Container: Tube; Qty per Container: 47 High Output Current 5-40V Dual Channel Operational Amplifier - Pb-free; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25 Universal Motor Controller; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 1 High Output Current 5-40V Dual Channel Operational Amplifier for Applications with Inductive Loading - Pb-free; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 Bipolar Power TO220 PNP 2A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Bipolar Power TO220 NPN 2A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 From old datasheet system
|
MICROSEMI CORP-SCOTTSDALE SEMIKRON Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
|