PART |
Description |
Maker |
ICS9112-31 |
(ICS9112-31/32) Frequency Generator
|
Integrated Circuit Systems
|
ICS9112-41 |
(ICS9112-41/42) Frequency Generator
|
Integrated Circuit Systems
|
TF-TKS-G20-LN05B-001-DX |
Fanless Embedded Box for GENE-LN05
|
AAEON Technology
|
R1210N361D-TR R1210N361C-TL R1210N361D-TL R1210N36 |
PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM Step-up DC/DC Converter CAP 22PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAP 0.47UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 SMPS Controller 开关电源控制器
|
Ricoh Co., Ltd. EPCOS AG Maxim Integrated Products, Inc. RICOH electronics devic...
|
FB43-226-RC FB43-110-RC FB43-422-RC FB73-422-RC FB |
Ferrite Bead Inductor; Ferrite Grade:43; Cable Diameter Max:0.06"; Features:Excellent EMI suppression capability at high frequency; Frequency Max:200MHz; Frequency Min:40MHz; Leaded Process Compatible:Yes; Series:FC FB 1 FUNCTIONS, FERRITE BEAD
|
Bourns Electronic Solutions Bourns, Inc.
|
MC44603 MC44603P MC44603DW ON1138 |
From old datasheet system MIXED FREQUENCY MODE GREENLINE PWM* CONTROLLER:VARIABLE FREQUENCY, FIXED FREQUENCY, STANDBY MODE MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
|
ONSEMI[ON Semiconductor]
|
VXO-P9-3DSM-6P |
High frequency SMD VCXO LVDS Output frequency up to 700 MHz
|
QUARTZCOM the communications company
|
MC145173 MC145173DW |
Dual-Band PLL Frequency Synthesizer with ADC and Frequency Counter
|
Motorola, Inc
|
2SC4258 2SC425810 |
FOR HIGH FREQUENCY, MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
|
Isahaya Electronics Corporation
|
SP5070FMP SP5070 SP5070DP SP5070MP |
0.5-7.0V; 18mA; 2GHz fixed modulus frquency sythesiser for satellite TV, high IF cable tuning systems, C-Band with frequency doubling mixer 2.4GHz Fixed Modulus Frequency Synthesiser(2.4GHz固定模数频率合成 2.GHz Fixed Modulus Frequency Synthesiser
|
MITEL[Mitel Networks Corporation] Mitel Semiconductor
|