PART |
Description |
Maker |
74ALVC32 74ALVC32MTC 74ALVC32M 74ALVC32MX |
LOGIC GATE|QUAD 2-INPUT OR|AVC/ALVC-CMOS|SOP|14PIN|PLASTIC ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14 Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CD4001BC CD4011BC CD4001BCMX CD4011BCMX CD4001BCM |
From old datasheet system Quad 2-Input NOR Buffered B Series Gate • Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 16-Bit Bus Transceiver And Register With 3-State Outputs 56-TSSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74HC02 74HC02DR2G 74HC02DTR2G |
74HC02 Data Sheet Quad 2-Input NOR Gate; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-Input NOR Gate; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2−Input NOR Gate High−Performance Silicon−Gate CMOS
|
ON Semiconductor
|
74AC86 74AC86PC 74AC86SJ 74AC86SJX 74AC86MTCX 74AC |
IC-SM-74AC ADVANCED CMOS 集成电路Sm - 74AC先进的CMOS From old datasheet system Quad 2-Input Exclusive-OR Gate Quad 2-input Exclusive OR (XOR) Gate Complete High-Speed CMOS, 12-Bit ADC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14 CMOS, 8-Bit-Compatible, 12-Bit DAC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MM74C00 MM74C04 MM74C0002 MM74C04N MM74C00M MM74C0 |
Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter From old datasheet system Quad 2-Input NAND Gate •
|
FAIRCHILD[Fairchild Semiconductor]
|
HD74279P HD74S135P HD7409P HD7438P HD7420P HD7475P |
S-R-Type Latch Quad 2-input XOR/XNOR Gate Quad 2-input AND Gate Quad 2-input NAND Gate Dual 4-input NAND Gate 4-Bit D-Type Latch Magnitude Comparator Dual 4-input NOR Gate Hex Buffer J-K-Type Flip-Flop Excess-3-To-Decimal Decoder TTL HD74/74S Series TTL HD74/HD74S Series Straight Lever 十六进制逆变 CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681 Asynchronous Up Counter 异步设立摊位
|
Hitachi,Ltd. Fairchild Semiconductor, Corp.
|
M74HCT02 M74HCT02B1R M74HCT02RM13TR M74HCT02TTR M7 |
Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 125 输入或非 QUAD 2-INPUT NOR GATE QUAD 2-INPUT NOR GATE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74LCX08MTCNL |
Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs LVC/LCX/Z SERIES, QUAD 2-INPUT AND GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
5962F9565101V9A 5962F9565101VCC 5962F9565101VXC AC |
AND Gate, Quad 2-Input, Rad-Hard, Advanced Logic, CMOS Radiation Hardened Quad 2-Input AND Gate
|
Intersil Corporation
|
MC14093BCL MC14093B ON0871 MC14093BCP MC14XXXBCL M |
QUAD 2 INPUT NAND SCHMITT TRIGGER From old datasheet system ORDERING INFORMATION IEEE 802.3af PoE Powered Device Controllers 8-TSSOP -40 to 85 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MC10H103FNR2G |
Quad 2−Input OR Gate 10H SERIES, QUAD 2-INPUT OR GATE, PQCC20
|
ON Semiconductor
|