PART |
Description |
Maker |
CSE15UG |
Capacitiv Switch Element under Glas
|
Schurter Inc.
|
MSB056 MSB054 MSB051 |
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
|
JGD[Jinan Gude Electronic Device]
|
1N5937B 1N5949B 1N5950B 1N5932B |
GLAS S PASSIVA TED JUNC TION S ILICON ZENER DIODE VO LTA GE - 1 1 T O 200 Vo lts
|
Gaomi Xinghe Electronics Co., Ltd.
|
B25H2S60KL B25H2S20KL B25H2S40KL B25H2S10KL B25H2S |
THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|600V V(RRM)|25A I(T) THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|200V V(RRM)|25A I(T) THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|400V V(RRM)|25A I(T) THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|100V V(RRM)|25A I(T) THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|1.2KV V(RRM)|25A I(T) THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|1KV V(RRM)|25A I(T) 晶闸管模块|可控硅|双|独立| 1KV交五(无线资源管理)|5A我(翻译
|
SCHURTER AG
|
LT1572 |
100kHz, 1.25A Switching Regulator with Catch Diode(100kHz, 1.25A 开关稳压器(带箝位二极管
|
Linear Technology Corporation
|
MIP0210SP |
ISOLATOR 3P 25AISOLATOR 3P 25A; Poles, No. of:3; Current rating:25A; Configuration, contact:1 N/O 1 N/C; Depth, external:169mm; IP rating:IP55; Length / Height, external:174mm; Material:Steel; Power, switching AC3 max:5.5kW; Width, Silicon MOS IC
|
PANASONIC CORP Panasonic Semiconductor
|
Q7010LH5 Q7010RH5 Q7012LH5 Q7012RH5 Q7015L6 Q7015R |
Alternistor triac, 25A, 800 Volt Alternistor triac, 15A, 400 Volt Alternistor triac, 25A, 500 Volt Alternistor triac, 25A, 200 Volt Alternistor triac, 8A, 500 Volt Alternistor triac, 25A, 400 Volt Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35 Alternistor Triacs 交变双向 Alternistor triac, 6A, 500 Volt Alternistor triac, 15A, 200 Volt Alternistor triac, 15A, 500 Volt Alternistor triac, 15A, 600 Volt Alternistor Triacs
|
TECCOR[Teccor Electronics] Littelfuse, Inc. Motorola Mobility Holdings, Inc.
|
HGTP5N120CND FN4598 HGT1S5N120CNDS HGTG5N120CND |
From old datasheet system 25A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(25A, 1200V,NPT系列N沟道绝缘栅双极型晶体 5 A, 1200 V, N-CHANNEL IGBT, TO-247
|
INTERSIL[Intersil Corporation] Fairchild Semiconductor, Corp.
|
HD06 HD04 HD01 HD02 |
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Triac; Package/Case:TO-48; Current, It av:40A; Mounting Type:Through Hole; Repetitive Reverse Voltage Max, Vrrm:200V; Current Rating:40A; Voltage TRIAC,200V V(DRM),25A I(T)RMS,TO-220 TRIAC-600VRM-25A-TO220
|
DIODES[Diodes Incorporated] Diodes Inc.
|
OM4215SW OM4216SA/RA/DA OM4203SA/RA/DA OM4215SA/RA |
25A 60V Hi-Rel Schottky Common Cathode Diode in a D3 package HERMETIC TO-254 SCHOTTKY CENTER-TAP RECTIFIER 25A 100V Hi-Rel Schottky Common Cathode Diode in a D3 package
|
List of Unclassifed Manufacturers
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
LT1172 LT1172C LT1172CJ8 LT1172CK LT1172CN8 LT1172 |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators 100kHz 5A 2.5A and 1.25A High Efficiency Switching Regulators From old datasheet system
|
LINER[Linear Technology]
|