PART |
Description |
Maker |
CT0.1-P CT0.2-P |
(CT0.1-P - CT0.4-P) Current Transducers
|
LEM
|
S1T8528X01-Q0R0 S1T8528X0 DS_S1T8528X01 S1T8528 DS |
ENHANCED-1 CHIP CT0 RF IC
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
HM11-52004 HM11-21001 HM11-21302 HM11-21503 HM11-2 |
LEAD FREE A8904SLB-T WITH TAPE & REEL Vertical Mount Inductors BACKLIGHT DRIVER FOR MEDIUM SIZE LCDS 50 AMP BI-DIRECTIONAL CURRENT SENSOR 75 AMP BI-DIRECTIONAL CURRENT SENSOR 100 AMP BI-DIRECTIONAL CURRENT SENSOR 30A BI-DIRECTIONAL CURRENT SENSOR Hall Effect IC; Package/Case:module-5; Current Rating:-50A to ; Leaded Process Compatible:Yes; Operating Temp. Min:-20 C; Peak Reflow Compatible (260 C):Yes; Primary Sensed Current :50A; Primary Sensed Current -:50A RoHS Compliant: Yes LEAD FREE A8904SLP-T WITH TAPE & REEL 20A BI-DIRECTIONAL CURRENT SENSOR 垂直安装电感
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
LA305-S |
Current Transducer LA 305-S Sensor, Closed Loop Current Transducer, Primary Nominal r.m.s Current IPN 300A
|
http:// LEM[LEM] LEM Components
|
LRC12JTRWAR010 LRC10JTRWAR010 LRC06JTRWAR010 LRC12 |
Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
|
Token Electronics Industry Co., Ltd.
|
Z8937320ASC Z8937320VSC Z8937320FSC Z8927320VSC Z8 |
16-BIT, 20 MHz, OTHER DSP, PQCC44 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes 16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
|
ZILOG INC Zilog, Inc.
|
Z8913829ASC Z8913920FSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8-BIT MICROCONTROLLER 8位微控制
|
TOKO, Inc.
|
1N974B 1N963B 1N965B 1N962B 1N970B 1N960B 1N968D 1 |
0.5W, silicon zener diode. Zener voltage 56V. Test current 2.2mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 30V. Test current 4.2mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 62V. Test current 2.0mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 120V. Test current 1.0mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 120V. Test current 1.0mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 75V. Test current 1.7mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 22V. Test current 5.6mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 39V. Test current 3.2mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 68V. Test current 1.8mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 160V. Test current 0.80mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 150V. Test current 0.85mA. -20% tolerance. 0.5W SILICON ZENER DIODES Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) PC 4/ 5-ST-7,62 .5W硅稳压二极管 Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 0.5W, silicon zener diode. Zener voltage 180V. Test current 0.68mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 180V. Test current 0.68mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 200V. Test current 0.65mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 150V. Test current 0.85mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 68V. Test current 1.8mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 22V. Test current 5.6mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 7.5V. Test current 16.5mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 130V. Test current 0.95mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 51V. Test current 2.5mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 62V. Test current 2.0mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 56V. Test current 2.2mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 47V. Test current 2.7mA. -10% tolerance.
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. Semtech, Corp. 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic D...
|
TS5204CY50 TS5204 TS5204CX TS5204CX1.8 TS5204CX18 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 150mA Low Noise LDO Voltage Regulator
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] http://
|
STK10C68-L45M STK10C68-L55M |
NVRAM (EEPROM Based) Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:80mA NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
RHFL4913S50-04V 5962F0253401VXA 5962F0253401VXC 59 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|