PART |
Description |
Maker |
X2A2020RFDCT |
The MLOTM SMT RF-DC Crossover is a very low profile crossover that intersects an RF and DC circuit trace in an SMT package.
|
AVX Corporation
|
AD8508ARUZ AD8505ACBZ-R7 AD8505ACBZ-RL AD8505ARJZ- |
QUAD OP-AMP, 3500 uV OFFSET-MAX, 0.095 MHz BAND WIDTH, PDSO14 20 μA Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
|
ANALOG DEVICES INC
|
19193-0089 19193-0074 19193-0073 19193-0092 19193- |
RING VERSAKRIMP (BB-339-08) 2 mm2, COPPER ALLOY, RING TERMINAL VERSAK RING TERM 16-14 BB-325-56 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-325-14T) 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-339-10T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930007 0.8 mm2, COPPER ALLOY, RING TERMINAL 191930078 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-337-06T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930017 0.8 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP (B-830-56HD) 2 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP TAPED (AA-8111-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (AA-832-08) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (AA-832-06T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Insulator Color:Red; Series:RING AVIKRIMP TAPED (AA-832-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (B-830-14HD) 2 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
64001-1400 64001-1500 19073-0188 19073-0170 19204- |
Nylon Insulated Ring 3 and 4 Way Ring Splice and # 5-6, # 8, # 10, 1/4 Stud Size Ring Terminal with Universal Crimp Tool
|
MolexKits
|
FYPF1004DN |
ENHANCED CAT 5 568B CROSSOVER 10 A, 40 V, SILICON, RECTIFIER DIODE SCHOTTKY BARRIER RECTIFIER
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
DMJ2990-224 |
Beam-Lead Ring Quad, N-Type Low, Medium, High Drive Schottky Diodes
|
Skyworks Solutions
|
AD8506 AD8505 |
20 µA Maximum, RRIO, Zero Input Crossover Distortion Dual Op Amp 20 µA Maximum, RRIO, Zero Input Crossover Distortion Single Op Amp
|
Analog Devices
|
X2BS14 |
SMT Crossover
|
Anaren Microwave
|
PIC16F873-20I/SP PIC876 PIC16F874-04/PT PIC16F877- |
CAT 5E CROSSOVER, GREEN 15 FT PATCH CABLE CAT 5E CROSSOVER PATCH CORD CABLE GREEN 20 FT 28/40-pin 8-Bit CMOS FLASH Microcontrollers 28/40-pin 8位CMOS闪存微控制器 PIC16F87420IL:IC-SM-8-BIT CMOS MCU PIC16F87420IL:集成电路钐8位CMOS微控制器 ER 24C 24#16 PIN PLUG RTANG 28/40-pin 8位CMOS闪存微控制器 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP44
|
Microchip Technology Inc. Microchip Technology, Inc.
|
B82765-C6-A11 B82765 B82765-C1-A5 B82765-C2-A6 B82 |
Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
|
EPCOS[EPCOS]
|
A-MCKP-80005-R A-MCKP-80010-R A-MCKP-80020-R A-MCK |
Cat5e FTP Crossover Patch cable
|
Assmann Electronics Inc...
|
19073-0236 19073-0218 19073-0231 19073-0242 19073- |
Connector assemblies 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (C-836-06T) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (C-840-14) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (C-840-56) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL 1/4 RING TERMINAL
|
Molex, Inc. MOLEX INC
|
|