PART |
Description |
Maker |
Z2803R3S Z2803R3S_EM Z2801R5S Z2801R5S_EM Z2802R5S |
Hi-Rel DC-DC Rad-Hard Single Converter in a Z package with 2.5 Vout 28V Input, Single Output LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
|
IRF[International Rectifier]
|
UHR-151300-D12 UHR-151300-D48 UHR-3.34850-D12 UHR- |
15V 16-20W, single output DC/DC converter 3.3V 16-20W, single output DC/DC converter 12V 16-20W, single output DC/DC converter
|
Datel
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
POLS16-05T-P POLS16-05TA-P |
16A Output Current Rating DC/DC Open Frame Power Converter Single Output
|
Wall Industries,Inc.
|
PH300F280- PH300F280-15 PH300F280-12 PH300F280 PH3 |
Single output DC-DC converter 50W ~ 300W Single output DC-DC converter 50W ~ 300W 单输出DC - DC转换0300W
|
LAMBDA[DENSEI-LAMBDA] ITT, Corp.
|
5962-05238 5962-05240 5962-05241 5962-05242 5962-0 |
30W Total Output Power 28 Vin 1.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05238 30W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05240 30W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05241 30W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05242 30W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-06241 30W Total Output Power 28 Vin 2.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package.
|
International Rectifier
|
WRB2412LT-3WR2 |
SINGLE OUTPUT DC/DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
PPM05-A-05ELF |
5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
|
PEAK electronics GmbH
|
IB0505S-2W IB1205S-2W |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
FB2405S-2W FB2409S-2W FB1209S-2W FB1215S-2W FB0515 |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
IB2405S-2W IB1505S-2W |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
VRB2403LD-30W VRB2405LD-30W VRB2412LD-30W VRB2415L |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|