PART |
Description |
Maker |
XDMR20A-A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 23990
|
SunLED Company Limited
|
XDMR14A2 |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 23990
|
SunLED Company Limited
|
LA2351-42BEWRN |
Emitting Color: Red Material: Gap Wavelength(nm): 700
|
Ledtech Electronics Corp.
|
609-1122-340F 609-2122-120F 609-2122-130F 609-2122 |
LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability LED PNL MT 9MM 6V CHROME YELLOW SINGLE COLOR LED, YELLOW, 9 mm LED INDICATOR, RECESSED RED 24VDC SINGLE COLOR LED, RED, 9 mm LED Lamp; Color:Red; Lens Color:Red; Luminous Intensity (MSCP):60; Voltage Rating:6V; Forward Current:15mA; Forward Voltage:6VDC; LED Color:Red; Leaded Process Compatible:Yes; Lens Style:(H x Dia) 37.08 x 10.92 mm; Lens Width:9mm SINGLE COLOR LED, GREEN, 6 mm
|
Dialight Corporation Dialight PLC
|
Q62703-Q2678 Q62703-Q2566 LOPT670-FJ LOPT670-G LOP |
Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Voltage Nom.:300V RoHS Compliant: Yes Multi TOPLED 多TOPLED Multi TOPLED DUAL COLOR LED, ORANGE/PURE GREEN, 2.4 mm Multi TOPLED DUAL COLOR LED, SUPER RED/PURE GREEN, 2.4 mm
|
http:// SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
4600T 4611T-106-2222FCD 4611K-101-2222BAA 4611K-10 |
Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Color:White/Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Color:White/Yellow; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Light Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Film Capacitor; Voltage Rating:63VDC; Capacitor Dielectric Material:Polyester; Capacitance:1uF; Capacitance Tolerance: 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes THIN FILM CONFORMAL SIP 薄膜共形SIP协议
|
List of Unclassifed Manufacturers BOURNS ETC[ETC] Electronic Theatre Controls, Inc.
|
WSF128K16-37H1I WSF128K16-72HMA WSF128K16 WSF128K1 |
LED Lamp; Color:Red/Red/Red; Luminous Intensity (MSCP):4; Voltage Rating:5V; Forward Current:10mA; Forward Voltage:5V; Input Current:10mA; LED Color:Red/Red/Red; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 128K X 16 SRAM /FLASH MODULE SMD 5962-96900 128K的16的SRAM /闪存模块贴片5962-96900
|
List of Unclassifed Man... White Electronic Designs ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
AND125CRP |
GaAlAs Red Light Emission
|
Purdy Electronics Corporation
|
ASM1811R-5F_T ASM1811 ASM1811-10 ASM1811-10_T ASM1 |
Hook-Up Wire; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Color:White/Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes From old datasheet system Low Power 5V uP Reset Active LOW, Open - Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 Hook-Up Wire; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
126-93-964-41-003 126-93-210-41-001 126-93-210-41- |
Test Prod Wire; Conductor Size AWG:24; No. Strands x Strand Size:45 x 40; Jacket Color:Red; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1; Outer Diameter:0.066" RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:24; No. Strands x Strand Size:45 x 40; Jacket Color:Black; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1; Outer Diameter:0.066" RoHS Compliant: Yes Dual-in-line sockets Open frame Wire-wrap posts with solder tails 双列直插式插座开放帧线与焊尾包职 HookUp/Lead Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Red; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:42ohm; Temperature Max:200 C RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:42ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes 18 AWG (19X30) TINNED COPPER, THREE CONDUCTORS, FEP INSULATED RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:FEP; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:3 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-13169B; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:6 RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
LNA4501F |
GaAlAs Red Light Emitting Diode
|
PANASONIC[Panasonic Semiconductor]
|