PART |
Description |
Maker |
XDMR20A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 23990
|
SunLED Company Limited
|
XDMR08A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 4700 Iv(ucd) If@10mA Typ.= 15990
|
SunLED Company Limited
|
XDMR11A-A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 17990
|
SunLED Company Limited
|
XDMR06C |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 12000 Iv(ucd) If@10mA Typ.= 20795
|
SunLED Company Limited
|
XDMR09A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 1900 Iv(ucd) If@10mA Typ.= 6390
|
SunLED Company Limited
|
CXK77V3211 CXK77V3211Q12_14 CXK77V3211Q CXK77V3211 |
From old datasheet system Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 32768-word by 32-bit High Speed Synchronous Static RAM(32768× 32位高速同步静态RAM)
|
Sony Corporation
|
Q68000-A8000 IRL81 IRL81A |
From old datasheet system GaAlAs-Infrarot-Sendediode GaAlAs Infrared Emitter ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 发动 Infrarot - Sendediode GaAlA红外发射
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
356004 359008 125001 125002 129002 129001 101001 1 |
LED Lamp; Color:Yellow; Luminous Intensity (MSCP):3.5ucd; Voltage Rating:2.1V; LED Color:Yellow; Leaded Process Compatible:No; Mounting Type:Through LED Lamp; Color:Yellow; Luminous Intensity (MSCP):10ucd; Voltage Rating:2.1V; LED Color:Yellow; Leaded Process Compatible:No; Mounting Type:Through Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Green; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:25 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:1400V RoHS Compliant: Yes LED Lamp; Bulb Size:3mm; LED Color:Red/Red/Red/Red; Luminous Intensity:10ucd; Viewing Angle:60 ; Forward Current:10mA; Forward Voltage:2.2V LED Lamp; LED Color:Green; Luminous Intensity:4ucd; Viewing Angle:110 ; Forward Current:20mA; Forward Voltage:2.2V; Operating Temperature Range:-55 C LED Lamp; Bulb Size:3mm; LED Color:Red/Green-Red/Green-Red/Green-Red/Green; Luminous Intensity:5ucd; Viewing Angle:60 ; Forward Current:10mA; Forward Coaxial Cable; Impedance:75ohm; Conductor Size AWG:27; No. Strands x Strand Size:7 x 35; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 保险丝座和剪对于3AG保险 Fuse Blocks and Clips - For 3AG Fuses 保险丝座和剪对于3AG保险 Fuse Blocks and Clips Screw Terminal Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:6; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 保险丝座和剪对于3AG保险
|
Littelfuse, Inc.
|
PS2511-1 PS2511L-2 PS2511L-4 PS2511-2 PS2511-4 PS2 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Light Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes HIGH ISOLATION VOLTAGE STANDARD MULTI PHOTOCOUPLER SERIES SINGLE TRANSISTOR TYPE
|
NEC Corp. NEC[NEC]
|
4600T 4611T-106-2222FCD 4611K-101-2222BAA 4611K-10 |
Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Color:White/Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Color:White/Yellow; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Light Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Film Capacitor; Voltage Rating:63VDC; Capacitor Dielectric Material:Polyester; Capacitance:1uF; Capacitance Tolerance: 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes THIN FILM CONFORMAL SIP 薄膜共形SIP协议
|
List of Unclassifed Manufacturers BOURNS ETC[ETC] Electronic Theatre Controls, Inc.
|
L1553YDT L1553EDT L1553GDT L1553HDT L1553IDT L1553 |
The Bright Red Source Color Devices are made with Gallium Phosphide Red Light Emitting Diode SINGLE COLOR LED, SUPER BRIGHT RED, 5 mm
|
Kingbright, Corp. KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
WSF128K16-37H1I WSF128K16-72HMA WSF128K16 WSF128K1 |
LED Lamp; Color:Red/Red/Red; Luminous Intensity (MSCP):4; Voltage Rating:5V; Forward Current:10mA; Forward Voltage:5V; Input Current:10mA; LED Color:Red/Red/Red; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 128K X 16 SRAM /FLASH MODULE SMD 5962-96900 128K的16的SRAM /闪存模块贴片5962-96900
|
List of Unclassifed Man... White Electronic Designs ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|