PART |
Description |
Maker |
XDMR20A-A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 23990
|
SunLED Company Limited
|
XDMR10C-A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 17990
|
SunLED Company Limited
|
LA2351-42BEWRN |
Emitting Color: Red Material: Gap Wavelength(nm): 700
|
Ledtech Electronics Corp.
|
BL-BD131-AV |
Chip material: GaAlAs/ GaAs
|
BRIGHT LED ELECTRONICS CORP
|
356004 359008 125001 125002 129002 129001 101001 1 |
LED Lamp; Color:Yellow; Luminous Intensity (MSCP):3.5ucd; Voltage Rating:2.1V; LED Color:Yellow; Leaded Process Compatible:No; Mounting Type:Through LED Lamp; Color:Yellow; Luminous Intensity (MSCP):10ucd; Voltage Rating:2.1V; LED Color:Yellow; Leaded Process Compatible:No; Mounting Type:Through Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Green; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:25 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:1400V RoHS Compliant: Yes LED Lamp; Bulb Size:3mm; LED Color:Red/Red/Red/Red; Luminous Intensity:10ucd; Viewing Angle:60 ; Forward Current:10mA; Forward Voltage:2.2V LED Lamp; LED Color:Green; Luminous Intensity:4ucd; Viewing Angle:110 ; Forward Current:20mA; Forward Voltage:2.2V; Operating Temperature Range:-55 C LED Lamp; Bulb Size:3mm; LED Color:Red/Green-Red/Green-Red/Green-Red/Green; Luminous Intensity:5ucd; Viewing Angle:60 ; Forward Current:10mA; Forward Coaxial Cable; Impedance:75ohm; Conductor Size AWG:27; No. Strands x Strand Size:7 x 35; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 保险丝座和剪对于3AG保险 Fuse Blocks and Clips - For 3AG Fuses 保险丝座和剪对于3AG保险 Fuse Blocks and Clips Screw Terminal Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:6; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 保险丝座和剪对于3AG保险
|
Littelfuse, Inc.
|
L1553YDT L1553EDT L1553GDT L1553HDT L1553IDT L1553 |
The Bright Red Source Color Devices are made with Gallium Phosphide Red Light Emitting Diode SINGLE COLOR LED, SUPER BRIGHT RED, 5 mm
|
Kingbright, Corp. KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
M38513M4-C56FP |
Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061; CSA AWM; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
Mitsubishi Electric Corporation
|
AND120CRP |
GaAlAs Red Light Emission
|
Purdy Electronics Corporation
|
AND180CRP |
GaAlAs Red Light Emission T-1 3/4 Package
|
AND
|
LN145 LN145W |
GaAlAs Red Light Emitting Diode
|
Panasonic Corporation Panasonic Semiconductor
|