PART |
Description |
Maker |
XDMR11C-A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 17990
|
SunLED Company Limited
|
XDMR08A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 4700 Iv(ucd) If@10mA Typ.= 15990
|
SunLED Company Limited
|
LJ2451-11EWRN |
Emitting Color: Red Material: Gap Wavelength(nm): 700
|
Ledtech Electronics Corp.
|
559-1301-001F 559-5101-003F 559-5301-003F 559-5101 |
T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm LED Lamp; LED Color:Red; Luminous Intensity:34ucd; Forward Current:20mA; Forward Voltage:2.1V; Color:Red RoHS Compliant: Yes T-1 3/4 SINGLE COLOR LED, RED, 5 mm T-1 3/4 SINGLE COLOR LED, ORANGE, 5 mm
|
Dialight PLC
|
Q62702-Y79-J Q62702-Y79-H Q62702-Y79-G Q62702-Y79 |
PNP SILICON PLANAR TRANSISTORS 进步党硅平面型晶体管 Safety Sign; Legend:No Smoking This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/White RoHS Compliant: NA 进步党硅平面型晶体管 Safety Sign; Legend:No Smoking (With Picture); External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/Black RoHS Compliant: NA 进步党硅平面型晶体管
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
72921 72921-2 |
2mm SAFETY Sheathed Jack Sheathed Jack; Current Rating:10A; Body Material:Polyamide; Color:Red; Contact Material:Brass; Features:Mates to 2mm shrouded plugs; For Use With:Shrouded Plugs RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
Q62703-Q1090 SFH483E7800 SFH483 |
GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter 1 ELEMENT, INFRARED LED, 880 nm GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter 发动器,红外Lumineszenzdiode GaAlA红外发射 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
WSF128K16-37H1I WSF128K16-72HMA WSF128K16 WSF128K1 |
LED Lamp; Color:Red/Red/Red; Luminous Intensity (MSCP):4; Voltage Rating:5V; Forward Current:10mA; Forward Voltage:5V; Input Current:10mA; LED Color:Red/Red/Red; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 128K X 16 SRAM /FLASH MODULE SMD 5962-96900 128K的16的SRAM /闪存模块贴片5962-96900
|
List of Unclassifed Man... White Electronic Designs ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
AND120CRP |
GaAlAs Red Light Emission
|
Purdy Electronics Corporation
|
AND125CRP |
GaAlAs Red Light Emission
|
Purdy Electronics Corporation
|
MV60539.MP5 MV60539.MP6 MV60539.MP7 MV60539.MP8 MV |
Variable Frequency Drive Composite Cable; Composite Conductor Types:3 Conductors 1 Pair; Number of Conductors:5; Conductor Size AWG:16-10; No. Strands x Strand Size:26 x 30, 105 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes RECTIFIER SCHOTTKY DUAL 15A 30V 150A-ifsm 0.84V-vf 0.1mA-ir TO-220AB 50/TUBE N-Channel MOSFETs (20V
250V); Package: PG-TO263-3; Package: D2PAK (TO-263); VDS (max): 100.0 V; RDS (on) (max) (@10V): 33.0 mOhm; RDS (on) (max) (@4.5V): -; ID (max): 27.0 A; TRANS PREBIASED PNP 200MW SOT23 Circular Connector; No. of Contacts:55; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-35 Circular Connector; No. of Contacts:26; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 PC PARALLEL ADAPTER, DB25F N-Channel MOSFETs (20V
250V); Package: PG-TO263-3; Package: D2PAK (TO-263); VDS (max): 100.0 V; RDS (on) (max) (@10V): 33.0 mOhm; RDS (on) (max) (@4.5V): -; ID (max): 27.0 A; SLIMLINE DIN 8 M TO DB9 MALE PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, YELLOW, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 DUAL COLOR LED ARRAY, RED/GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, GREEN, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm PTSE 5C 5#16 PIN PLUG T-1 SINGLE COLOR LED, RED, 3 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, GREEN, 5 mm TV 26C 26#20 PIN WALL RECP T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, RED, 5 mm PCB MOUNT LED INDICATORS T-1 DUAL COLOR LED ARRAY, BRIGHT RED/GREEN, 3 mm CAP POLYPROPYLENE .0082UF 50V 2% T-1 3/4 SINGLE COLOR LED, RED, 5 mm RECTIFIER SCHOTTKY DUAL 10A 80V 120A-ifsm 0.85V-vf 0.1mA-ir TO-220AB 50/TUBE T-1 3/4 SINGLE COLOR LED, RED, 5 mm RECTIFIER SCHOTTKY SINGLE 16A 30V 150A-ifsm 0.63V-vf 0.2mA-ir TO220AC 50/TUBE T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED ARRAY, YELLOW, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, YELLOW, 3 mm Filter Unit Analog P/H/G 400 cfm 115VAC RoHS Compliant: Yes T-1 3/4 SINGLE COLOR LED ARRAY, RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, HIGH EFFICIENCY RED, 5 mm Variable Frequency Drive Composite Cable; Composite Conductor Types:3 Conductors 1 Pair; Number of Conductors:5; Conductor Size AWG:16-12; No. Strands x Strand Size:26 x 30, 65 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes PCB MOUNT LED INDICATORS
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. QT Optoelectronics
|