PART |
Description |
Maker |
MAX161 MAX161ACPI MAX161ACWI MAX161AEPI MAX161AEWI |
CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System CMOS 8-Bit 8-Channel Data Acquisition System CMOS 8Bits 8 Channel DAS(CMOS 8 通道数据采集系统) 16-Bit Ultra-Low-Power MCU, 116KB Flash, 8KB RAM, 12-Bit ADC, Dual DAC, DMA, 3 OPAMP, 160 Seg LCD 100-LQFP -40 to 85 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 CMOS 8-Bit 8Channel Data Acquisition System CMOS0µs位通道数据采集系统
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC1605ACSW LTC1605ACG LTC1605AISW LTC1605IG LTC16 |
16-Bit/ 100ksps/ Sampling ADC 8-Bit, 45.5 kSPS ADC Serial Out, Low Power, Compatible to TLC540/545/1540, Single Ch. 8-SOIC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ADADC80 ADADC80-10 ADADC80-12 ADC80 ADADC80Z-12 |
12-Bit Successive Aproximation Integrate Circuit A/D Converter(12浣??娆¢?杩?/D杞???? 12-Bit Successive Aproximation Integrate Circuit A/D Converter(12位逐次逼近A/D转换 Circular Connector; Body Material:Aluminum Alloy; Series:KPT07; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket Circular Connector; Body Material:Aluminum Alloy; Series:KPT07; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket Analog-to-Digital Converter12-Bit 12-BIT SUCCESSIVE APPROXIMATION INTERATED CIRCUIT A/D CONVERTER 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 12-BIT SUCCESSIVE APPROXIMATION INTERATED CIRCUIT A/D CONVERTER 12位逐次逼近INTERATED电路A / D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1293CCS LTC1293DIJ LTC1294DIN LTC1293BC |
Single Chip 12-Bit Data Acquisition System 6-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, CDIP16 Quad, Micropower, LinCMOS(TM) Comparator 14-PDIP 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP20 Single Chip 12-Bit Data Acquisition System 单芯12位数据采集系
|
Linear Technology Corporation Linear Technology, Corp.
|
AD7863 AD7863AR-10 AD7863AR-2 AD7863AR-3 AD7863ARS |
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.7V-vf 75ns 5uA-ir DO-41 1K/BULK 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 50ns 5uA-ir DO-41 1K/BULK 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Simultaneous Sampling Dual 175kSPS 14-Bit ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7672TQ10/883B AD7672UE10/883B |
1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28
|
ANALOG DEVICES INC
|
5962-9063201M3A 5962-9063201MLA 5962-9317901MLA AD |
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP24 LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQCC28 CMOS, Complete 12-bit, 100kHz, Sampling ADC with ±10V Input Signal Range Complete 12-Bit, 100 kHz, Sampling ADC (AD7870/AD7870A)
|
Analog Devices, Inc.
|
AD7672TE10 AD7672LN05 AD7672LN10 AD7672UQ05 AD7672 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28 LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
MAX1167-MAX1168 MAX1167BEEE MAX1167CCEE MAX1167CEE |
Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters 8-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24
|
Maxim Integrated Products, Inc. ADC
|
|