PART |
Description |
Maker |
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
AMS1004-1.2AL AMS1004-1.2AN AMS1004-1.2BL AMS1004A |
MICROPOWER VOLTAGE REFERENCE JT 5C 5#16 SKT WALL RECP JT 37C 37#22D PIN RECP MICROPOWER VOLTAGE REFERENCE 微功耗电压参 1.2V Two-terminal micropower band-gap voltage reference diode
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc.
|
MIC5231-3.0BM5 MIC5231-3.3BM5 MIC5231-2.75BM5 MIC5 |
Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% Micropower レCap LDO Regulator Preliminary Information Micropower Cap LDO Regulator Preliminary Information Micropower μCap LDO Regulator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
AGX-V-10 AGX-1 AGX-1/4 BKAGX-1 AGX-1/16 AGX-10 AGX |
Micropower Octal 8-Bit and 10-Bit DACs Micropower Quad 10-Bit DAC; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Fuse 保险
|
NXP Semiconductors N.V. Cooper Bussmann, Inc.
|
MC33468 MC33468SN-20ATR ON1063 |
From old datasheet system FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
|
ONSEMI[ON Semiconductor]
|
ST5R00 ST5R25M ST5R25U ST5R28M ST5R28U ST5R30M ST5 |
MICROPOWER VFM STPE-UP DC/DC CONVERTER (ST5R00 Series) MICROPOWER VFM STEP-UP DC/DC CONVERTER
|
STMicroelectronics ST Microelectronics
|
AD1582 AD1582A AD1582B AD1585 AD1585A AD1585ART AD |
Voltage Reference 电压基准 2.5V Micropower, Precisions Series Mode Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 2.5 V to 5.0 V Micropower/ Precision Series Mode Voltage References 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References 2.5 V Micropower, Precision Mode Voltage Reference
|
Analog Devices, Inc.
|
AD8502ARJZ-REEL7 AD8502ARJZ-R2 AD8504ARUZ AD8504AR |
1 µA Micropower CMOS Operational Amplifier; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 5500 uV OFFSET-MAX, 0.007 MHz BAND WIDTH, PDSO8 1 muA Micropower CMOS Operational Amplifiers
|
Analog Devices, Inc.
|
CMV1020YR CMV1020 CMV1020Y |
Micropower RRO operational amplifier MICROPOWER PRO OPERATIONAL AMPLIFIER 微功耗运算放大器专业
|
California Micro Devices Corporation California Micro Device...
|
LT1108 LT1108-12 LT1108-5 LT1108CN8 LT1108CN8-12 L |
4-Bit Synchronous Up/Down Binary Counters With Dual Clock and Clear 16-SOIC 0 to 70 From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
K4S64323LH-HN75 K4S64323LH K4S64323LH-FC1H K4S6432 |
2M X 32 SYNCHRONOUS DRAM, 7 ns, PBGA90 Dual Rail-To-Rail Micropower Operational Amplifier 8-PDIP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-TSSOP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM 512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 12k × 32Bit的4银行0FBGA移动SDRAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
LT1460HCS3-10 LT1460HCS3-2.5 LT1460HCS3-3 LT1460HC |
Family of Micropower Series References in SOT-23 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 Family of Micropower Series References in SOT-23 家庭的微系列参考采用SOT - 23
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|