PART |
Description |
Maker |
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962-9224605MLX 5962-9224605M3X 5962-9224602MLX 59 |
Single 8-bit Bus Transceiver 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 位总线收发
|
Electronic Theatre Controls, Inc.
|
STC3485E STC3485EEPA STC3485EESA |
3.3V-Powered, ±15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers 3.3V-Powered, 卤15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
|
List of Unclassifed Manufacturers ETC
|
HWDXXX |
Slew-Rate-Limited RS-485/RS-422 Transceivers
|
ETC
|
HWD1487 HWD490 |
(HWD481 - HWDxxx) Slew-Rate-Limited RS-485/RS-422 Transceivers
|
ETC
|
MAX485 |
Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers
|
Maxim
|
ADM3490 ADM3488 ADM3490ARZ ADM3491ARZ ADM3483 ADM3 |
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
AD[Analog Devices]
|
MAX1483ESA MAX1482 MAX1482_06 MAX1482CPD MAX1482CS |
20炝, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
|
MAXIM[Maxim Integrated Products]
|
SP3081EEN-L_TR SP3081EEN-L SP3083EEN-L SP3083EEN-L |
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, ±15kV ESD-Protected Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 卤15kV ESD-Protected
|
http:// Exar Corporation
|
SP3080E-3088E SP3081E SP3082E SP3088EEN SP3080E SP |
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, ??5kV ESD-Protected Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 【15kV ESD-Protected
|
SIPEX[Sipex Corporation]
|
UM3085E UM3085EEPA UM3085EESA UM3085E-15 UM3088EEP |
ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
|
Union Semiconductor, In...
|