PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
ADP3308 ADP3308ART-27 ADP3308ART-285 ADP3308ART-29 |
anyCAP?/a> 50 mA Low Dropout Linear Regulator anyCAP⑩ 50 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator anyCAP50 mA Low Dropout Linear Regulator AB 9C 1#12 8#16 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-19 RoHS Compliant: No
|
AD[Analog Devices] Analog Devices, Inc.
|
AAT3220IGY-18-T1 AAT3220IGY-23-T1 AAT3220IGY-20-T1 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPowerLDO Linear Regulator CAP 8.0PF 50V .25 PF NP0(C0G) SMD-1206 TR-7 PLATED-NI/SN 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器
|
http:// Advanced Analogic Technologies, Inc.
|
MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX |
Low-Dropout, 300mA Linear Regulator in レMAX 2.77 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA Linear Regulator in レMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA
Linear Regulator in µMAX Low-Dropout, 300mA Linear Regulator in ??AX Low-Dropout, 300mA Linear Regulator in μMAX Low-Dropout, 300mA Linear Regulator in MAX Low-Dropout / 300mA Linear Regulator in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
HEDM-6505U05 HEDS-6510010 HEDM-6505T05 HEDM-6505T0 |
64LED 16 keys User Interface LED driver, I²C Interface; QSOP-24 2 A, Low VIN Dropout, Linear Regulator; 1.1V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.5V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.2V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.8V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 0.75 V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 2.5V; 16-Lead LFCSP_VQ; -40°C to 125°C Large Diameter (56mm). Housed Two and Three Channel Optical Encoders 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 3x86 大口径(五六毫米)。外套二及中三通道光学编码 2 A, Low Dropout, CMOS Linear Regulator;2 A, Low Dropout, CMOS Linear Regulator 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 2.0x228
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Atmel, Corp.
|
AAT3200IGY-2.3-T1 AAT3200IGY-2.0-T1 AAT3200IGY-1.8 |
OmniPower?/a> LDO Linear Regulator OmniPower LDO Linear Regulator OmniPower垄芒 LDO Linear Regulator OmniPower⑩ LDO Linear Regulator
|
Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
OM7581SM |
Hi-Rel Adjustable 1.8V-5.5V 10.0A Linear Regulator in a SMD-C6 Package Ultra Low Dropout, 10A Adjustable Positive Linear Regulator Surface Mount (SMD-6C)
|
International Rectifier
|
CS5253B-8G CS5253B-8GDPR5G CS5253B-8 CS5253B-8GDP5 |
3A LDO 5-Pin 2.5V Fixed Linear Regulator for Remote Sense Applications 3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications Micropower 5V, 100mA Low Dropout Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ONSEMI[ON Semiconductor]
|
OM7580SM OM7580SMX |
Hi-Rel Adjustable 1.5V-5.5V 7.0A Linear Regulator in a SMD-6 Package Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)
|
International Rectifier
|
AAT3220IQY-3.5-T1 AAT3220 AAT3220IGY-1.8-T1 AAT322 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower垄芒 LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator
|
Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|