PART |
Description |
Maker |
CSH-EP13-2S-10P CSH-EP13-1S-10P |
EP cores and acces sories
|
Ferroxcube International Holding B.V.
|
CPVS-ER9.5-1S-8P-Z |
ER cores and acces sories
|
Ferroxcube International Holding B.V.
|
CPHS-EFD12-1S-8P-Z |
EFD cores and acces sories
|
Ferroxcube International Holding B.V.
|
CPHS-EFD10-1S-8P |
EFD cores and acces sories
|
Ferroxcube International Holding B.V.
|
MK4096P-6 MK4096N-6 MK4096N-11 MK4096N-16 MK4096P- |
4096x1-bit dynamic RAM, 250ns acces time, 375ns cycle time, max. power 450mW. 4096x1-bit dynamic RAM, 350ns acces time, 500ns cycle time, max. power 320mW. 4096x1-bit dynamic RAM, 300ns acces time, 425ns cycle time, max. power 385mW.
|
Mostek
|
ETD49 ETD34 EER25 EER30 EER50 EER35/34B EER28A EER |
EER CORES. ETD CORES
|
YUXIANG Magnetc materials Ind. Co., Ltd.
|
5962F0151701QXA 5962F0151701QXC 5962F0151701QXX 59 |
Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 65ns acces time. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 65ns acces time. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 65ns acces time. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 65ns acces time. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 65ns acces time. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 65ns acces time. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 65ns acces time. Lead finish solder. Total dose 5E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 65ns acces time. Lead finish optional. Total dose 5E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 65ns acces time. Lead finish gold. Total dose 5E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 65ns acces time. Lead finish solder. Total dose 5E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 65ns acces time. Lead finish gold. Total dose 5E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 65ns acces time. Lead finish optional. Total dose 5E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 65ns acces time. Lead finish solder. Total dose 1E6 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 65ns acces time. Lead finish gold. Total dose 1E6 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 65ns acces time. Lead finish optional. Total dose 1E6 rads(Si). Radiation-hardenet 32K x 8 PROM. 65ns acces time. Lead finish optional.
|
Aeroflex Circuit Technology
|
B65844-X1010-D2 B65843-A100-A38 B65843-A100-A57 B6 |
PM/P/P Cores Halves/EP/TT/PR Cores
|
EPCOS AG EPCOS[EPCOS]
|
B65549E0003X101 B63399-B4 B63399-B5 B65541 B65541D |
PM/P/P Cores Halves/EP/TT/PR Cores
|
EPCOS[EPCOS]
|
LPT-4545-101LA LPT-4545-100LB LPT-4545-330LA LPT45 |
Inductors/Transformers, Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores 电感变压器,可定制的,表面贴装Torodial,库尔木,铁粉和MPP的芯 CAP`TNT`SM`PLZ`22`UF`25V`20^```D-CASE Inductors/Transformers Customizable Surface Mount Torodial Kool-Mu Powdered Iron and MPP Cores Inductors/Transformers / Customizable / Surface Mount Torodial / Kool-Mu / Powdered Iron and MPP Cores Customizable, Kool-Mu, Powdered Iron and MPP Cores
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
MK4027J-2 MK4027J-3 MK4027N-2 MK4027N-3 MK4027-3 M |
4096x1-bit dynamic RAM, 120ns acces time. 320ns cycle. 4096 X 1 BIT DYNAMIC RAM 4096 × 1位动态随机存储器 LED YEL RECT MODULAR VERT From old datasheet system
|
Mostek Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|