PART |
Description |
Maker |
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
LT3434 LT3434EFE LT3434IFE |
High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current High Voltage 3A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current
|
Linear Technology
|
LT3437 LT3437EFE LT3437IFE LT3437EDD LT3437IDD |
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100?A Quiescent Current High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
|
LINER[Linear Technology]
|
LT1576 LT1576-5 LT1576C LT1576CS8 LT1576CS8-5 LT15 |
1.5A/ 200kHz Step-Down Switching Regulator 1.5A, 200kHz Step-Down Switching Regulator
|
LINER[Linear Technology]
|
LT1766EGNTRPBF LT1766EGN-5TR LT1766EGN-5PBF LT1766 |
5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
Linear Technology
|
LT3430IFE-1 LT3430EFE LT3430-1-15 |
High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
|
Linear Technology
|
LT1976 LT1976EFE LT1976IFE |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current High Voltage 1.5A/ 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
|
Linear Technology Corporation
|
P1595G-AB5-R |
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
|
Unisonic Technologies
|
MIC4575-3.3BT MIC4575-3.3BU MIC4575-3.3WT MIC4575- |
200kHz Simple 1A Buck Regulator IC REG 200KHZ 1.0A ADJ TO-263-5 3.2 A SWITCHING REGULATOR, 220 kHz SWITCHING FREQ-MAX, PSSO5
|
Micrel Semiconductor, Inc.
|
IRDCIP1001-B |
200KHZ TO 300KHZ, 20A, 5VIN TO 12VIN SINGLE PHASE SYNCHRONOUS BUCK CONVERTER USING IP1001
|
http:// International Rectifier
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|