PART |
Description |
Maker |
1-2013297-5 1-2013297-6 |
Memory Sockets; SEMI-HARD TRAY DDR3 204P 8H STD B-L 0.76 ( Tyco Electronics ) Memory Sockets; SEMI-HARD TRAY DDR3 204P 8H STD B-L 0.25 ( Tyco Electronics )
|
Tyco Electronics
|
1-2013310-5 |
Memory Sockets; SEMI-HARD TRAY DDR3 204P 9.2H STD B-L025 ( Tyco Electronics )
|
Tyco Electronics
|
1-2013297-4 |
Memory Sockets; SEMI-HARD DDR3 204P 8H STD BOSSLESS ( Tyco Electronics )
|
Tyco Electronics
|
3-1827253-6 |
HARD TRAY PACKAGING FH 0.5 BTB CONNECTOR 220POS PLUG 5H WITH GROUND PLATE
|
Tyco Electronics
|
3-5353652-6 |
HARD TRAY ASSY FH 0.5BTB CONNECTOR PLUG 8H W/G-PLATE ON 2ROW CAP
|
Tyco Electronics
|
0546987003 54698-7003 |
0.80mm (.031) Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205)Mounted Height, 144 Circuits, 3.3V Power Supply, Hard Tray Packaging, Height11.00mm (.433) Type, Lead-free
|
Molex Electronics Ltd.
|
0546987006 54698-7006 |
0.80mm (.031) Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205)Mounted Height, 144 Circuits, 3.3V Power Supply, Hard Tray Packaging, Height9.00mm (.354) Type, Lead-free
|
Molex Electronics Ltd.
|
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
P22-040I PA22-040 CM22-040 PA22-040I P22-040N P23- |
MCU CMOS 40 LD 16MHZ 8K EPRM, 0C to 70C, 40-PDIP, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-TQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-TQFP, TRAY 14 pin PIC with falsh, comparator, midrange core, 1K words flash & 128 bytes, -40C to 85C, 14-TSSOP, TUBE FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 20-SSOP 208mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8MHz internal osc, HiVolt support, -40C to 85C, 14-TSSOP, T/R MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44LD 16MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-TQFP, TRAY MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-MQFP, TRAY 模拟IC MCU CMOS 44 LD 16MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd.
|
NX8562LB565-CA NX8562LB525-CA NX8562LB622-CA NX856 |
Intel® 82541GI Gigabit Ethernet Controller, Single Port, PBGA, Tray Intel® 82576NS Gigabit Ethernet Controller, Dual Port, Pb-free 2LI, BGA, Tray Optoelectronic 光电
|
Fluke, Corp. California Eastern Laboratories, Inc.
|
JANTXV1N5420 JANTX1N5420 JAN1N5420 JANTX1N5415 JAN |
Coiled Cord; Features:6' positive coil memory combats cord stretch out; date coded for traceability; stainless steel spinning style banana plug reduces cord tangles; For Use With:WBB-AFWS Adjustable Fabric Wrist Strap RoHS Compliant: NA Fast Rectifier (100-500ns) RECTIFIERS GROUND CORD, 2X4MM SOCKETS, 5M; Length, lead:15ft RoHS Compliant: NA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
|