PART |
Description |
Maker |
CL-PS7111 CL-PS7111-VC-A |
Low-Power System-on-a-Chip MULTIFUNCTION PERIPHERAL, PQFP208 Ultra-Low-Power system-on-chip with LCD Controller
|
CIRRUS LOGIC INC Cirrus Logic, Inc.
|
27C512A-90/J 27C512A-90/K 27C512A-70/J 27C512A-70/ |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps 500MHz, Low-Power Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps Evaluation Kit for the MAX4104, MAX4105, MAX4304, MAX4305 Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps 400MHz, Ultra-Low-Distortion Op Amps x8 EPROM x8存储 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 350MHz, Ultra-Low-Noise Op Amps x8存储 Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers x8存储
|
Integrated Device Technology, Inc.
|
746LT3 738BT3 738LT4 746LT1 746LT2 746BT4 730BT1 7 |
Low-Jitter, 8kHz Reference Clock Synthesizer Outputs 35.328MHz LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver 4-Port LVDS and LVTTL-to-LVDS Repeaters High-Precision Clock Generators with Integrated VCXO Dual/Quad/Single, High-Speed, Ultra-Low-Power, Single-Supply TTL Comparators 模拟IC Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators 模拟IC Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators 模拟IC
|
Aavid Thermalloy, LLC Renesas Electronics, Corp. Vishay Intertechnology, Inc.
|
3150O-SERIES 3450O-SERIES 3551TPQ0 3551TPQ1 3551TP |
Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Optoelectronic 光电 Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 光电 Evaluation System/Evaluation Kit for the MAX6660 光电
|
Rubycon, Corp. Fairchild Semiconductor, Corp. DB Lectro, Inc. Cypress Semiconductor Corp. RECOM Electronic GmbH
|
74ABT2245PW-T 74ABT2245D-T |
Single 8-bit Bus Transceiver 位总线收发 Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
|
NXP Semiconductors N.V.
|
MAX909EPA MAXIMINTEGRATEDPRODUCTSINC-MAX907MSA/PR |
Dual/Quad/Single, High-Speed, Ultra-Low-Power, Single-Supply TTL Comparators COMPARATOR, 3500 uV OFFSET-MAX, 45 ns RESPONSE TIME, PDIP8
|
Maxim Integrated Products, Inc.
|
BL-HU235A BL-HJ035A BL-HG535A BL-HK035A |
Ultra red, 30 mA, ultra chip LED lamp Ultra orange, 30 mA, ultra chip LED lamp Ultra green, 30 mA, ultra chip LED lamp Ultra yellow, 30 mA, ultra chip LED lamp
|
Yellow Stone Corp
|
0443-0050-10 0443-0500-10 0443-0030-10 0443-0080-1 |
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Tapped Delay Line 抽头延迟
|
Bel Fuse, Inc.
|
CC1100 CC1150 |
CC1100 Single Chip Low Cost Low Power RF-Transceiver
|
Electronic Theatre Controls, Inc.
|
83CL410 P80CL410HFD P80CL410HFT P80CL410HFP P80CL4 |
Low voltage/low power single-chip 8-bit microcontroller with I2C 低电低功率的单芯位微控制器的I2C
|
NXP Semiconductors N.V.
|
|