PART |
Description |
Maker |
EDS6-64A |
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
|
Fuji Electric
|
FMS7G20US60 |
600V, 20A IGBT Module (Compact & Complex Type) Compact & Complex Module
|
FAIRCHILD[Fairchild Semiconductor]
|
EC2-6 EC2 EC2-12ND EC2-12NP EC2-12NU EC2-12NJ EC2- |
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type COMPACT AND LIGHTWEIGHT/ SMALL MOUNTING SIZE/ HIGH BREAKDOWN VOLTAGE High Insulation/ High breakdown voltage/ compact and lightweight/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:8; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Capacitor Type:Suppression; Voltage Rating:100VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.022uF; Capacitance Tolerance: 10%; Lead Pitch:5.00mm; Leaded Process Compatible:Yes RoHS Compliant: Yes COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE 小巧轻盈,小安装尺寸,高击穿电压
|
NEC Corp. NEC, Corp.
|
SAA7348GP SAA7348 |
All Compact Disc Engine ACE All Compact Disc Engine (ACE) From old datasheet system
|
Philips Semiconductors
|
MR0811S-12RUI MR0811S-03RUI MR0811S-05RUI MR0811S- |
Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Converters
|
MicroPower Direct, LLC
|
SKHLLDA010 SKHLACA010 SKHLLCA010 SKHLADA010 SKHLAK |
6隆驴3.5mm Compact (Snap-in Type) 6?3.5mm Compact (Snap-in Type) 6×3.5mm Compact (Snap-in Type)
|
ALPS ELECTRIC CO.,LTD.
|
ARK-6620-6M02E |
Compact Intel垄莽 Core垄芒 2 Duo Mini-ITX System with Front Accessible I/O Compact Intel? Core?/a> 2 Duo Mini-ITX System with Front Accessible I/O
|
Advantech Co., Ltd.
|
PSR-S15-15-AC100 PSR-S30-15-AC100 PSR-S30-05-AC100 |
1-OUTPUT 15 W AC-DC REG PWR SUPPLY MODULE 3.510 X 1.370 INCH, 3.860 INCH HEIGHT, COMPACT PACKAGE 1-OUTPUT 30 W AC-DC REG PWR SUPPLY MODULE 4.680 X 1.560 INCH, 3.860 INCH HEIGHT, COMPACT PACKAGE 1-OUTPUT 50 W AC-DC REG PWR SUPPLY MODULE 5.460 X 1.760 INCH, 3.860 INCH HEIGHT, COMPACT PACKAGE
|
Sumida, Corp. NXP Semiconductors N.V. Astrodyne, Inc. LMB Heeger, Inc. Japan Aviation Electronics Industry, Ltd.
|
SKQMARE010 SKQMATE010 SKQMASE010 SKQMAQE010 SKQMBB |
6×3.5mm Compact (Surface Mount Type) 6隆驴3.5mm Compact (Surface Mount Type)
|
ALPS ELECTRIC CO.,LTD.
|
SKRKAGE010 SKRKAHE010 SKRKAEE010 |
3.9×2.9mm Compact (Surface Mount Type) 3.9隆驴2.9mm Compact (Surface Mount Type)
|
ALPS ELECTRIC CO.,LTD.
|
ITA-1200-00A1E ITA-1200-BRA1E ITA-1000 ITA-1000-00 |
Intel垄莽 Atom N270 Fanless Compact System with Dual LAN, 12 x COM, 16 x DI, 16 x DO Intel? Atom N270 Fanless Compact System with Dual LAN, 12 x COM, 16 x DI, 16 x DO
|
Advantech Co., Ltd.
|
AD5290 AD5290YRMZ10 AD5290YRMZ50-RL7 AD5290YRMZ100 |
Compact 30V/±15V 256-Position Digital Potentiometer Compact 30V/【15V 256-Position Digital Potentiometer Compact 30V/±15V 256-Position Digital Potentiometer
|
AD[Analog Devices]
|