PART |
Description |
Maker |
MCP3221A0-I/OT MCP3221A0-E/OT MCP3221A2-I/OT MCP32 |
Low Power 12-Bit A/D Converter With I2C Interface Low Power 12-Bit A/D Converter With I2CInterface Low Power 12-Bit A/D Converter With I2C?/a> Interface 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO5
|
Microchip Technology Inc.
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
MCP3221A5T-E/OT MCP3221A5T-I/OT MCP3221A1T-I/OT MC |
TERMINAL IGBT模块 The Microchip Technology Inc. MCP3221 is a successive approximation A/D converter with 12-bit resolution. Available in the SOT-23 package, this device provides one single-ended input with very low power consumption. Based on an advanced CM KPT 18C 18#20 SKT PLUG Low Power 12-Bit A/D Converter With I2CInterface 560KBITS BRAM 400000 SYSTEM GATES 404 - - NOT RECOMMENDED for NEW DESIGN 560KBITS BRAM 400000 SYSTEM GATES 404 I/ - NOT RECOMMENDED for NEW DESIGN The Microchip Technology Inc. MCP3221 is a successive approximation A/D converter with 12-bit resolution. Available in the SOT-23 ... Low Power 12-Bit A/D Converter With I2C?/a> Interface Low Power 12-Bit A/D Converter With I2C Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
MAX136 MAX136CJL MAX136CPL MAX136CQH MAX136BCJL MA |
Low Power, 3?Digit A/D Converter With Display Hold Low Power, 3Digit A/D Converter With Display Hold Low Power, 3?Digit A/D Converter With Display Hold Low Power / 3Digit A/D Converter With Display Hold Dual 8-Bit To 9-Bit Parity Transceivers 56-SSOP -40 to 85 低功耗 1/2位ADC,带有显保持和直接LCD驱动
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADS1000A0IDBVRG4 ANALOGDEVICESINC.-ADS1000A1IDBVR |
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2CINTERFACE 低功耗,12位模拟数字转换接口的I2C LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
|
Analog Devices, Inc.
|
MCP3304TI/P MCP3304TI/SL MCP3304TI/ST MCP3302I/P M |
The MCP3304 13-bit Analog to Digital Converter (ADC) features full differential inputs and low power consumption in a small package ... The MCP3302 13-bit Analog to Digital Converter (ADC) features full differential inputs and low power consumption in a small package ... 13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
|
Microchip Technology Inc.
|
TC3400 TC3400VOA TC3400VPA |
!.8V, Low Power, 16-Bit Sigma-Delta A/D Converter 8五,低功耗,16位ΔA / D转换 1.8V, Low Power, 16-Bit Sigma-Delta A/D Converter
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
AD7536 AD7536AD AD7536AQ AD7536BD AD7536BQ AD7536J |
14-Bit, Multiplying Iout, 8-bit bus Low-Power, Serial 12-Bit Sampling Analog-To-Digital Converter 16-SOIC -40 to 85 LC2MOS 14-BIT uP-COMPATIBLE DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28
|
AD[Analog Devices] Analog Devices, Inc.
|
MP8795AN MICROPOWERSYSTEMS-MP8795SD |
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP24
|
Exar, Corp.
|
P87LPC767FD P87LPC767FN P87LPC767HD |
Low power low price low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
|
Philips
|
TC3404 TC3404VPE TC3404VQR |
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
|
MICROCHIP[Microchip Technology]
|
AD7789BRM-REEL AD7789BRM AD7789 AD7788 AD7788ARM A |
24-Bit, Single-Channel, Ultra Low Power, Sigma Delta A/D Converter 16-Bit, Single-Channel, Ultra Low Power, Sigma Delta A/D Converter Low Power 16-/24-Bit Sigma-Delta ADC Low Power/ 16-/24-Bit Sigma-Delta ADC Low Power, 16-/24-Bit Sigma-Delta ADC
|
AD[Analog Devices]
|