PART |
Description |
Maker |
GMS90C31 GMS90L32 GMS90C32 GMS90C58 GMS90L31 GMS90 |
8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,256字节RAM,低电 8-Bit CMOS Microcontrollers( 高性价比的51单片,片内无ROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontroller(8位CMOS 微控制器) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,工作电压5V) 8-BIT SINGLE CHIP MICROCONTROLLERS 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,低电
|
Hyundai
|
C505C SAFC505C-2RM SABC505C-LM SAFC505C-LM SAKC505 |
8-Bit Microcontrollers - General Description: The C505C enhances the C500 family of 8-bit Microcontrollers by a new member which provides full CAN version 2.0 B integrated on-chip. The C505C meets the current requirements for increasingly
|
Infineon
|
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
SAK-TC1765T-L40EB SAK-TC1765N-L40EB |
32-Bit Microcontrollers - incl. OCDS 2 trace port 32-Bit Microcontrollers - OCDS Level 1
|
Infineon
|
PIC16C771-04I/P PIC16C771-04I/JW PIC16C771-20I/P P |
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器10/12-Bit的A / D 18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器0/12-Bit的A / D IC-SM-8-BIT MCU
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
AM186EMLV-40VC/W AM186EMLV-20KC/W AM186EMLV-40KI/W |
Am188EM/EMLV Microcontrollers Data Sheet High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
http:// Advanced Micro Devices
|
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
S3C8274 S3F8274 S3F8278 |
(S3F827x) 8-BIT CMOS MICROCONTROLLERS (S3C827x) 8-BIT CMOS MICROCONTROLLERS
|
Samsung semiconductor
|
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
LPC2387FBD100 LPC2387 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|