PART |
Description |
Maker |
TISP4C125H3BJR-S TISP4C350H3BJ |
SURGE PROT THYRIST 125V TELECOM 125 V, 30 A, SILICON SURGE PROTECTOR LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
Bourns Electronic Solut...
|
HSMS-2800 HSMS-2802 HSMS-2803 HSMS-2804 HSMS-280C |
SURFACE MOUNT RF SCHOTTKY BARRIER DIODES HSMS-2802 · Low reverse leakage Schottky diode HSMS-2803 · Low reverse leakage Schottky diode HSMS-2804 · Low reverse leakage Schottky diode HSMS-2805 · Low reverse leakage Schottky diode HSMS-2808 · Low reverse leakage Schottky diode HSMS-280B · Low reverse leakage Schottky diode HSMS-280C · Low reverse leakage Schottky diode HSMS-280E · Low reverse leakage Schottky diode HSMS-280F · Low reverse leakage Schottky diode HSMS-280K · Low reverse leakage Schottky diode HSMS-280L · Low reverse leakage Schottky diode HSMS-280M · Low reverse leakage Schottky diode HSMS-280N · Low reverse leakage Schottky diode HSMS-280R · Low reverse leakage Schottky diode
|
http:// Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
FR011L5J |
Low-Side Reverse Bias / Reverse Polarity Protector
|
Fairchild Semiconductor
|
GENERIC |
The evaluation board does not have reverse supply protection
|
Diodes Incorporated
|
Q62702-A1234 |
Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
|
SIEMENS[Siemens Semiconductor Group]
|
BYT28 BYT28-300 BYT28-400 BYT28B BYT28F UGF10GCT U |
Dual Ultrafast Soft Recovery Rectifier, Reverse Recovery Time 35ns, Forward Current 10A, Reverse Voltage 300 to 400V Diodes
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
ARA2004 |
The ARA2004 is designed to provide the reverse path amplification and output level control functions in a CATV Set-Top Box or Cable ... Reverse Path Amplifiers
|
Anadigics Inc
|
FALDM375 FALDM450 FALDM400 ALDM500 FALDM500 |
; Comments: Please ask for the nearest Toshiba distributor about the production works.; Reverse Voltage, max (V): (max 80) Switching Diodes; Surface Mount Type: Y; Package: SM6; XJE016 JEITA: SC-74; Number of Pins: 6; Features: high-speed switching; Internal connection: 3 in 1; Reverse Voltage, max (V): (max 80) Logic IC High Efficiency Diodes (HEDs); Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; Application Scope: Switching mode power supply; Internal Connection: Center tap; T RR (ns): (max 50); I O (A): (max 600)
|
|
PE9604 |
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
|
Pasternack Enterprises, Inc.
|
74LVC1G99DP125 |
Ultra-configurable multiple function gate; 3-state; Package: SOT505-2 (TSSOP8); Container: Reel Pack, Reverse, Reverse LVC/LCX/Z SERIES, 4-INPUT MAJORITY LOGIC GATE, PDSO8
|
NXP Semiconductors N.V.
|