PART |
Description |
Maker |
LTC3204 LTC3204-3.3 LTC3204-5 LTC3204B-3.3 LTC3204 |
Low Noise Regulated Charge Pump in 2 X 2 DFN
|
Linear Technology
|
A7801 A7801E6R |
DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
|
AIT Components Ltd.
|
LTC3204-3.3 LTC3204-5 |
Low Noise Regulated Charge Pump in 2 2 DFN Low Noise Regulated Charge Pump in 2 X 2 DFN
|
Linear Technology Corporation
|
CAT3200HU2-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter
|
ON Semiconductor
|
CAT3200 CAT3200ZI-GT3 CAT3200TDI-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter DC-DC, 2x Charge Pump, Vadj -100 mA 0.2 A SWITCHED CAPACITOR REGULATOR, 2600 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
CAT3604HV4-GT2 CAT3604HV4-T2 CAT3606HV4-GT2 CAT360 |
6-Channel Low Noise Charge Pump White LED Driver 4-Channel Regulated Charge Pump White LED Driver
|
ON Semiconductor
|
PLRF15D PLRC9S PLRB24D PLRC48S PLRE9S PLRC5D PLRC9 |
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Analog IC Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Active RC, 4th Order Lowpass Filter Family; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
ITT, Corp. AVX, Corp.
|
TPS60205DGSG4 TPS60205DGSRG4 |
<font color=red>[Old version datasheet]</font> REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
|
TI store
|
LTC1550LCGN LTC1550LCMS8-2 LTC1550LCMS8-2.5 LTC155 |
Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR REGULATOR, 900 kHz SWITCHING FREQ-MAX, PDSO8 Low Noise, Switched Capacitor Regulated Voltage Inverters SWITCHED CAPACITOR REGULATOR, 900 kHz SWITCHING FREQ-MAX, PDSO8 Low Noise/ Switched Capacitor Regulated Voltage Inverters
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC1522 LTC1522CMS8 1522F LTC1522CS8 |
From old datasheet system Micropower/ Regulated 5V Charge Pump DC/DC Converter Micropower, Regulated 5V Charge Pump DC/DC Converter
|
LINEAR TECHNOLOGY CORP
|
LTC1516IS8 LTC1516 LTC1516CS8 1516F |
From old datasheet system Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower/ Regulated 5V Charge Pump DC/DC Converter
|
LINER[Linear Technology]
|
PUMA2F16000I-25 PUMA2F16000M-15 PUMA2F16000M-20 PU |
x32 Flash EEPROM Module Low Noise, Regulated Charge Pump, Adjustable Output, MSOP 2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect, TDFN 2-Kb I<sup>2</sup>C EEPROM for DDR2 DIMM Serial Presence Detect, TDFN X32号,闪存EEPROM模块
|
AMIC Technology, Corp.
|