PART |
Description |
Maker |
NFR25-22R-5 NFR25H-47R-5 NFR25-1K-5 NFR25-2K2-5 NF |
WIDERSTAND SICHERUNG METALL 22R 0.33W WIDERSTAND SICHERUNG METALL 47R 0.5W WIDERSTAND SICHERUNG METALL 1K0 0.33W WIDERSTAND SICHERUNG METALL 1R0 0.33W WIDERSTAND SICHERUNG METALL 2R2 0.33W WIDERSTAND SICHERUNG METALL 1R 0.5W WIDERSTAND SICHERUNG METALL 220R 0.33W WIDERSTAND SICHERUNG METALL 10K 0.33W WIDERSTAND SICHERUNG METALL 4R7 0.33W WIDERSTAND SICHERUNG METALL 2R2 0.5W WIDERSTAND SICHERUNG METALL 4R7 0.5W WIDERSTAND SICHERUNG METALL 10R 0.5W WIDERSTAND SICHERUNG METALL 100R 0.5W WIDERSTAND SICHERUNG METALL 22R 0.5W WIDERSTAND SICHERUNG METALL 10R 0.33W WIDERSTAND SICHERUNG METALL 470R 0.33W WIDERSTAND SICHERUNG METALL 100R 0.33W WIDERSTAND SICHERUNG金属2R2.5W WIDERSTAND SICHERUNG金属100R0.5W WIDERSTAND SICHERUNG金属220R 0.33W WIDERSTAND SICHERUNG金属10R的为0.5W WIDERSTAND SICHERUNG金属22R 0.33W WIDERSTAND SICHERUNG金属4R7.5W WIDERSTAND SICHERUNG金属10,000 0.33W WIDERSTAND SICHERUNG金属2R2 0.33W WIDERSTAND SICHERUNG金属4R7 0.33W WIDERSTAND SICHERUNG METALL 4K7 0.33W WIDERSTAND SICHERUNG金属4K7 0.33W WIDERSTAND SICHERUNG METALL 47R 0.33W WIDERSTAND SICHERUNG金属47R 0.33W WIDERSTAND SICHERUNG METALL 2K2 0.33W WIDERSTAND SICHERUNG金属2K2 0.33W
|
MITSUMI ELECTRIC CO., LTD.
|
RN73C2A130RBTG RN73C2AK05BTG RN73C2A1K62BTG RN73C2 |
WIDERSTAND PRAEZISION METALL 130R 0.06W WIDERSTAND PRAEZISION METALL 1K05 0.06W Metal Film Resistor - RN 1/4 T2 35.7K 1% R Metal Film Resistor - RN 1/4 T2 3.83 1% R WIDERSTAND PRAEZISION METALL 6K34 0.06W WIDERSTAND PRAEZISION METALL 750R 0.06W WIDERSTAND精密金属750R 0.06W WIDERSTAND PRAEZISION METALL 53K6 0.06W WIDERSTAND精密金属53K6 0.06W WIDERSTAND PRAEZISION METALL 1K96 0.06W WIDERSTAND精密金属1K96 0.06W WIDERSTAND PRAEZISION METALL 24K9 0.06W WIDERSTAND精密金属24K9 0.06W WIDERSTAND PRAEZISION METALL 121R 0.06W WIDERSTAND精密金属121R 0.06W WIDERSTAND PRAEZISION METALL 665R 0.06W WIDERSTAND精密金属665R 0.06W WIDERSTAND PRAEZISION METALL 301R 0.06W WIDERSTAND精密金属301R 0.06W
|
TE Connectivity, Ltd. STMicroelectronics N.V.
|
MF58 MF58502-33 MF58502-35 MF58401-41 MF58103-40 M |
HIGH ACCURACY NTC THERMISTORS TYPE MF58 Glass Shell Precision NTC Thermistors
|
List of Unclassifed Manufacturers ETC
|
NTCLE203XX103FB0 NTCLE400E3502H NTCLE400E3104H NTC |
Thermistor NTC 10KOhm 1% 2-Pin Cardboard Box Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, NTC, 5000 ohm, CHASSIS MOUNT, ROHS COMPLIANT Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, NTC, 100000 ohm, CHASSIS MOUNT, ROHS COMPLIANT Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, NTC, 47000 ohm, CHASSIS MOUNT, ROHS COMPLIANT
|
Vishay BCcomponents
|
B57871S0212000 B57871S0103001 B57871S0103H001 |
NTC thermistors for temperature measurement Leaded NTC thermistors
|
TDK Electronics
|
WS57C49C-1 WS57C49C-35 WS57C49C-35CMB WS57C49C-35D |
8K X 8 UVPROM, 55 ns, CQCC28 CURRENT LIMITR INRSH 5.0 OHM 20% 高K的军事8的CMOS胎膜早破/ RPROM MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM 高K的军事8的CMOS胎膜早破/ RPROM THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:7R; Tolerance, resistance: /-20%; Beta value:3060; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Temp, op. RoHS Compliant: Yes THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:33R; Tolerance, resistance:20%; Beta value:3300; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Case RoHS Compliant: Yes
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
WCR2512-10KFI WCR0402-10KFI WCR0201-10KFI WCR1210- |
50General Purpose Surface Mounted Resistors RESISTOR, 1 W, 1 %, 200 ppm, 10000 ohm, SURFACE MOUNT, 2512 50General Purpose Surface Mounted Resistors RESISTOR, 0.063 W, 1 %, 100 ppm, 10000 ohm, SURFACE MOUNT, 0402 50General Purpose Surface Mounted Resistors RESISTOR, 0.05 W, 1 %, 250 ppm, 10000 ohm, SURFACE MOUNT, 0201 50General Purpose Surface Mounted Resistors RESISTOR, 0.25 W, 1 %, 100 ppm, 10000 ohm, SURFACE MOUNT, 1210
|
Welwyn Components, Ltd.
|
B57411 B57411V2101062 B57411V2151062 B57411V222106 |
Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
|
http:// EPCOS[EPCOS]
|
137-462ZWS-D01 137-113ZXT-D01 137-292ZFT-D01 |
RESISTOR, TEMPERATURE DEPENDENT, NETWORK, NTC, 4600 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NETWORK, NTC, 11000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NETWORK, NTC, 2900 ohm, THROUGH HOLE MOUNT
|
Clarostat
|
0070.5021.B1 0070.9521.B1 0070.1181.B1 0070.1111.A |
11 - 95 VAC ・ 250 - 10000 A ・ 5 - 20 mm
|
Schurter Inc.
|
|