PART |
Description |
Maker |
1-1825059-3 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04S04=DIP SWT,FLUSH,SMT-GW ( Tyco Electronics )
|
Tyco Electronics
|
1504 1504SERIES 1504-600F 1504-80B 1504-80C 1504-7 |
FIXED DIP DELAY LINE TD/TR = 5 Delay 20 /-1.0 ns, Fixed dip delay line Td/Tr=5 Delay 60 /-3 ns, Fixed dip delay line Td/Tr=5 Delay 800 /-40 ns, Fixed dip delay line Td/Tr=5 Delay 40 /-2 ns, Fixed dip delay line Td/Tr=5 Delay 400 /-20 ns, Fixed dip delay line Td/Tr=5 Delay 750 /-37.5 ns, Fixed dip delay line Td/Tr=5 Delay 225 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 140 /-7 ns, Fixed dip delay line Td/Tr=5 Delay 100 /-5 ns, Fixed dip delay line Td/Tr=5 Delay 220 /-11 ns, Fixed dip delay line Td/Tr=5 Delay 380 /-19 ns, Fixed dip delay line Td/Tr=5 Delay 480 /-24 ns, Fixed dip delay line Td/Tr=5 Delay 120 /-6 ns, Fixed dip delay line Td/Tr=5 Delay 150 /-7.5 ns, Fixed dip delay line Td/Tr=5 Delay 450 /-22.5 ns, Fixed dip delay line Td/Tr=5 Delay 75 /-3.8 ns, Fixed dip delay line Td/Tr=5 Delay 360 /-18 ns, Fixed dip delay line Td/Tr=5 Delay 25 /-1.3 ns, Fixed dip delay line Td/Tr=5 Delay 250 /-12.5 ns, Fixed dip delay line Td/Tr=5 Fixed passive DIP delay line PASSIVE DELAY LINE, TRUE OUTPUT, DIP16 Delay 160 /-8 ns, Fixed dip delay line Td/Tr=5 Delay 375 /-18.8 ns, Fixed dip delay line Td/Tr=5 Delay 50 /-2.5 ns, Fixed dip delay line Td/Tr=5 Delay 320 /-16 ns, Fixed dip delay line Td/Tr=5 Delay 90 /-4.5 ns, Fixed dip delay line Td/Tr=5 Delay 45 /-2.3 ns, Fixed dip delay line Td/Tr=5 Delay 1000 /-50 ns, Fixed dip delay line Td/Tr=5 Delay 10 /-1 ns, Fixed dip delay line Td/Tr=5 Delay 125 /-6.3 ns, Fixed dip delay line Td/Tr=5 Delay 30 /-1.5 ns, Fixed dip delay line Td/Tr=5 Delay 180 /-9 ns, Fixed dip delay line Td/Tr=5 Delay 500 /-25 ns, Fixed dip delay line Td/Tr=5 Delay 300 /-15 ns, Fixed dip delay line Td/Tr=5 Delay 200 /-10 ns, Fixed dip delay line Td/Tr=5 Delay 240 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 80 /-4 ns, Fixed dip delay line Td/Tr=5 Delay 600 /-30 ns, Fixed dip delay line Td/Tr=5
|
Data Delay Devices, Inc... DATA DELAY DEVICES INC
|
TP30-180RL TP30-130RL TP30-100RL TP30-120RL TP30-1 |
DIP Switch; No. of Switch Positions:9; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:SMT Gull Wing; Pitch Spacing:2.54mm; Series:BPA; Actuator Style:Side RoHS Compliant: Yes DIP / Rotary DIP 的TRISIL
|
ST Microelectronics STMicroelectronics
|
PC4SD11NTZBF PC4SD11NTZCF PC4SD11YXPBF PC4SD11YXPC |
VDRM : 800V Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, SMT, DIP-6/5
|
Sharp Microelectronics of the Americas Sharp Electrionic Components Sharp Electronics, Corp.
|
PC3SH21YIPB PC3SH21YFZ |
1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SMT, PLASTIC, DIP-4 VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
|
Sharp Electronics, Corp. Sharp Electrionic Components
|
PC3SD12NTZ PC3SD12YTZAF PC3SD12NXZAF |
VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6/5 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-6/5
|
Sharp Electrionic Components Sharp, Corp. Sharp Electronics, Corp.
|
DX48 DX48L |
SMT Half Pitch Type DIP Switches
|
GREATECS
|
ND3FC10H-R ND3KC10H-R ND3FC16P-R ND3KC16P-R ND3FC1 |
8mm Process Sealed SMT DIP Rotaries
|
Nihon Kaiheiki Industry Co. Ltd.
|
DX6206TR DX6204TR DX6204TTR DX6206TTR DX6208TR DX6 |
DIP Switch Half Pitch SMT for Highest Reliability
|
GREATECS
|
PC724V0NIPXF |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, PLASTIC, SMT, DIP-6
|
Sharp, Corp.
|
M30-4010746 M30-4010946 |
1.25mm Pitch SIL Horizontal SMT Blade Header, hold-down tabs, tin, 7-way 7 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SOLDER 1.25mm Pitch SIL Horizontal SMT Blade Header, hold-down tabs, tin, 9-way 9 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SOLDER
|
Harwin PLC
|
KSS02J KSS02L KSS02S KSS03J KSD06J KSD06L KSD06S K |
DIP Switch CODING RING, 1/4" JACK, GREEN; For use with:C Series Plug; Colour:Green; Connector type:Ring, Coding RoHS Compliant: Yes CODING RING, 1/4" JACK, YELLOW; For use with:C Series Plug; Colour:Yellow; Connector type:Ring, Coding RoHS Compliant: Yes DIP Switch DIP开 CAP,ALUM,ELEC,680UF,35V DIP开 CAP,68UF,25V,AL ELECTR,ESR=.44,SMT DIP开 CAP,10U,ELECTROLYTIC,16V, 20/-20%,SM,EIA-B DIP开 NEUTRIK CAPACITOR, 68UF, 35V, ALUM., /-20%, LOW ESR, S.M. CAP, ELC, SMT, 68UF, 35V, 20%, 6.3X8MM, 0.34 OHM / 280MA, LOW ESR CAP, ELECTRO, 20%, 25V, SMT, 470UF
|
OTAX, Corp. OTAX[OTAX Corporation] http://
|
|