PART |
Description |
Maker |
HT27LC512 27LC512 |
OTP CMOS 64K′ 8-Bit EPROM From old datasheet system OTP CMOS 64Kx 8-Bit EPROM
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc]
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
HT25LC512 HT25LC51204 |
CMOS 64K!8-Bit SPI Serial OTP EPROM CMOS 64K x 8-Bit SPI Serial OTP EPROM
|
Holtek Semiconductor Inc
|
HT27C512 |
OTP CMOS 64K′ 8-Bit EPROM OTP CMOS 64Kx 8-Bit EPROM
|
HOLTEK[Holtek Semiconductor Inc]
|
ST90158 5464 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM From old datasheet system
|
STMicro
|
ST90158-ST90135 ST90T158M9Q6 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 微控制器16位产品的家庭多达64K的ROM /检察官/ EPROMK的内
|
意法半导 STMicroelectronics N.V.
|
AM27C512-15F6 AM27C512-120PC AM27C512-70DI ADVANCE |
64K X 8 UVPROM, 120 ns, CDIP28 64K X 8 OTPROM, 90 ns, PDIP28 64K X 8 UVPROM, 55 ns, CDIP28 64K X 8 UVPROM, 90 ns, CDIP28 64K X 8 UVPROM, 70 ns, CDIP28 IC 集成电路 512 Kilobit (64 K x 8-Bit) CMOS EPROM
|
ADVANCED MICRO DEVICES INC SPANSION LLC Rochester Electronics, LLC AMD
|
AT27C102407 AT27C1024-70PI AT27C1024-45PI AT27C102 |
1-Megabit (64K x 16) OTP EPROM
|
ATMEL Corporation
|
2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR |
64K (8K x 8) UV EPROM and OTP ROM 64K的(8K的8)紫外线EPROM和检察官办公室光
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
UPD75P66CS-001 |
4-Bit, Single-Chip, One-Time Programmable (OTP) CMOS Microcomputer With Comparator 4位,单芯片,一次性可编程(OTP)的CMOS微机与比
|
NEC, Corp.
|
MCM6323AYJ10 MCM6323AYJ10R SCM6323AYJ10A SCM6323AY |
64K X 16 bit 3,3V asynchronous fast static RAM ER 3C 3#12 PIN PLUG RoHS Compliant: No 64K x 16 Bit 3.3 V Asynchronous Fast Static RAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 64K x 16 Bit 3.3 V Asynchronous Fast Static RAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 64K x 16 Bit 3.3 V Asynchronous Fast Static RAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|