PART |
Description |
Maker |
M2732A 2377 M2732A-20F1 M2732A-2F6 M2732A-3F1 M273 |
NMOS 32K (4K x 8) UV EPROM, 250ns From old datasheet system NMOS 32K 4K x 8 UV EPROM NMOS 32K (4K x 8) UV EPROM(NMOS 32K紫外线擦除EPROM)
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
HN27256G-25 |
32K x 8 nMOS EPROM Memory
|
Hitachi Semiconductor
|
CY27C128-120WMB CY27C128-150JC CY27C128-150WC CY27 |
128K (16K x 8-Bit) CMOS EPROM 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 120 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 120 ns, PQCC32 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 45 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 150 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 UVPROM, 200 ns, CDIP28
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
UPD2764 UPD2764-2 UPD2764-3 UPD2764-4 |
8,192 x 8-BIT NMOS UV/OTP EPROM
|
NEC
|
M27128A |
NND - NMOS 128 KBIT (16KB X8) UV EPROM
|
ST Microelectronics
|
DQ2816A DQ2816AH |
16K Electrically EPROM
|
Seeq Technology
|
NM27C128 NM27C128Q200 NM27C128Q250 NM27C128Q150 |
131 /072-Bit (16K x 8) High Performance CMOS EPROM 131,072-Bit (16K x 8) High Performance CMOS EPROM
|
FAIRCHILD[Fairchild Semiconductor]
|
M27W101 M27W101-100B6TR M27W101-100F6TR M27W101-10 |
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM 1兆位28KB x8低压紫外线EPROM和检察官办公室存储器 1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM 1兆位128KB x8低压紫外线EPROM和检察官办公室存储器 Hex Drivers 14-SOIC 0 to 70 1兆位28KB x8低压紫外线EPROM和检察官办公室存储器 64 Mbit 4Mb x16 3V Supply FlexibleROM Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CY7C09169A-9AI CY7C09159A CY7C09159A-12AC CY7C0915 |
Memory : Dual-Ports 8K/16K x 9 Synchronous Dual-Port Static RAM Memory 内存
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp.
|
ST72E121 |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
|
STMicroelectronics
|