PART |
Description |
Maker |
PE-SR405TN-STRAIGHT |
RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
|
Pasternack Enterprises,...
|
0082266810 8863-10-100B 82-26-6810 |
1.27mm (.050) Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 10 Circuits 1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 10 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
11825-808 11825-818 FS6322-05 |
Paired Cable; Number of Conductors:8; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Dual-Channel Audio Cable; Number of Conductors:2; Conductor Size AWG:25; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90% RoHS Compliant: Yes Three-PLL Clock Generator IC
|
AMI Semiconductor Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
CA-2188 |
Cable, right angle P6 to stripped/tinned ends, 6 feet, 24 AWG zip cord
|
Tensility International Corp.
|
10-00422 |
Cable, 1830 mm, 6P mini-DIN male 50-00159, to stripped tinned, 20 AWG
|
Tensility International Corp.
|
10-00342 |
Cable, 1830 mm, 2.5 mm 50-00034 slim stereo plug to stripped tinned, 28 AWG, shielded
|
Tensility International Corp.
|
7307-04-100B 82-28-5804 |
2.54mm (.100") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned, 4 Circuits 2.54mm (.100) Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned, 4 Circuits
|
Molex Electronics Ltd.
|
82-22-6103 0082226103 7560-03-100B |
2.54mm (.100) Pitch Round Conductor Flat Cable - 22 AWG (7 x 30) Stranded, Tinned, 3 Circuits
|
Molex Electronics Ltd.
|
7234-10-100B 82-26-5710 |
2.54mm (.100") Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 10 Circuits 2.54mm (.100) Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 10 Circuits
|
Molex Electronics Ltd.
|