PART |
Description |
Maker |
54102-FXX-XX 54102-GXX-XX |
(54102-xxxx) HEADER CONNECTOR
|
Framatome Connectors International
|
87267-2450 87267-XXXX |
(87267-xxxx) HEADER CONNECTOR
|
Molex
|
95001-2441 95001-2661 95001-2881 95001-9841 |
(95001-xxxx) PHONE CONNECTOR
|
Molex
|
43255-0033 43255-0137 43255-0107 43255-0147 43255- |
VERT HEADER ASSY W/POL MALE 9CKT 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, SOCKET 6CKT V-2 HDR W/PEG TIN 432550137 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 0.084 SERIES MLX HEADER 15CKT WITH PEG 15 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 0.084 SERIES MLX HEADER 9CKT WITH PEG 9 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 0.084 SERIES MLX HEADER 2CKT WITH PEG 2 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 3CKT V-0 HDR TIN 432550067 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
43650-0330 43650-0417 43650-9915 43650-1116 43650- |
MicroFit 3.0 SR Vert TH/Void Tin 3 Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,4 POS,VERTICAL,.118 PIT. SELCT GOLD PLATING,15U MIN 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH/Void Tin 5Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:0.118"; No. of Rows:1; Series:Mini-Fit 3.0; Body Material:Liquid Crystal Polymer 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Peg 30Au 9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 3MM VERT TIN 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
PMCE-0015 PMCE-0033 PMCE-0056 PMCE-0100 PMCE-0160 |
PMCE-XXXX EMI/RFI COMMON MODE LINE FILTERS PMCE-XXXX EMI/RFI COMMON MODE LINE FILTERS
|
Premier Magnetics, Inc.
|
FMRX1-433A FMRX1-XXXA FMRX1-XXXF |
(FMRX1-xxxx) Receiver Module FM
|
RF Solutions
|
UWR-12_665-D5A UWR-12_750-D48A UWR-12_830-D12A UWR |
(UWR-xx/xxxx-DxxA) DC to DC Converters
|
Datel
|
ELJ-FD3R3KF ELJXXXXX |
(ELJ-xxxx) Chip Inductors
|
Panasonic
|
26-48-1224 26-48-1114 26-48-1214 26-48-1044 26-50- |
KK 156 Bk Header Plz RtAn 22 Ckt Tin 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Bk Header Plz RtAn 11 Ckt Tin 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Bk Header Plz RtAn 21 Ckt Tin 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Bk Header Plz RtAn 24 Ckt Tin
|
Molex, Inc. MOLEX INC
|
553-0111-200 553-0122-200 |
(553-xxxx-200) LED Array
|
Dialight
|
JG0-0023 JG0-0025 JG0-0031 JG0-0032 JG0-0014 JG0-0 |
(JG0-xxxx) LAN/Filtered Connectors
|
Pulse
|
|