PART |
Description |
Maker |
TLC331S TLC111S TLC221S |
(TLCxxxS) Sensitive Gate Triacs
|
ST Microelectronics
|
NTE56039 |
TRIAC, 4A Sensitive Gate
|
NTE[NTE Electronics]
|
NTE5655 NTE5657 |
TRIAC - 800mA Sensitive Gate
|
NTE[NTE Electronics]
|
BT138Y-600E BT138Y-800E |
12 A four-quadrant triacs, sensitive gate, insulated 4Q Triac 4Q双向可控
|
NXP Semiconductors N.V.
|
HTU4A60S |
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-251 PACKAGE)
|
SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
|
HTP4A60S |
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220 PACKAGE)
|
SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
|
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
T0809XH T0805XH T0805NH |
800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SENSITIVE GATE TRIACS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BT134 BT134-500 BT134-500F BT134-500G BT134-600 BT |
Triacs 500 V, 4 A, TRIAC Triacs 800 V, 4 A, TRIAC Triacs(双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC4DHM-001G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
ON Semiconductor
|
BT138 BT138-600D BT138-600E BT138-800E BT138-600E1 |
4Q Triac 4Q双向可控 12 A four-quadrant triacs, sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 12 A; V<sub>DRM</sub>: 600 V; Package: SOT78 (TO-220AB); Container: Tube pack 12 A four-quadrant triacs, sensitive gate; Package: SOT78 (TO-220AB); Container: Tube pack
|
NXP Semiconductors N.V.
|
MCR72-8 MCR72-3 MCR72-6 ON1829 MCR72-D |
Sensitive Gate Silicon Controled Rectifiers Reverse Blocking Thyristor SCRs 8 AMPERES RMS 100 thru 600 VOLTS SENSITIVE GATE SILICON CONTROLLED RECTIFIERS From old datasheet system
|
ONSEMI[ON Semiconductor]
|